Electronic Components Datasheet Search
  English  ▼

X  

927770-1 Datasheet(PDF) 76 Page - TE Connectivity Ltd

Part # 927770-1
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-1 Datasheet(HTML) 76 Page - TE Connectivity Ltd

Back Button 927770-1 Datasheet HTML 72Page - TE Connectivity Ltd 927770-1 Datasheet HTML 73Page - TE Connectivity Ltd 927770-1 Datasheet HTML 74Page - TE Connectivity Ltd 927770-1 Datasheet HTML 75Page - TE Connectivity Ltd 927770-1 Datasheet HTML 76Page - TE Connectivity Ltd 927770-1 Datasheet HTML 77Page - TE Connectivity Ltd 927770-1 Datasheet HTML 78Page - TE Connectivity Ltd 927770-1 Datasheet HTML 79Page - TE Connectivity Ltd 927770-1 Datasheet HTML 80Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 260 page
background image
Receptacle and Tab Housings – 4 to 22 Positions
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
54
Timer Housings and Connectors
Unsealed Junior Timer & Junior Power Timer Housings
Technical Features
No. of Positions:
4– 22 Positions
Housing Material:
PBT-VO-reinforced
Wire Size Range:
Max. 2.5 mm2
Product Specification:
––
Application Specification:
––
Part Numbers
Receptacle
Cover
Locking
Cover
Mating
Mating PCB Header
Housing
Device
and Lever
Tab Housing
Right-Angle
Vertical
4– 22 Position Receptacle and Tab Housings
No. of
Pos.
Keying
Options
Housing
Color
See
Black
1-929504-1
1-929505-1
1-828801-1
1-963357-6
4
customer
Natural
1-929504-1
–––
1-929505-1
1-828801-1
–
drawing
Green
2-929504-1
–
2-828801-1
–
6
See customer
Black
1-929504-2
1-929505-2
1-828801-2
1-963357-5
drawing
Natural
1-929504-2
1-929505-2
1-828801-2
–
8
See customer
Black
1-929504-3
1-929505-3
1-828801-2
–
drawing
Natural
1-929504-3
1-929505-3
––
10
See customer
Black
1-929504-4
1-929505-4
1-828801-4
1-963357-4
drawing
Natural
1-929504-4
1-929505-4
––
14
See customer
Black
1-929504-5
1-929505-5
1-828801-5
1-963357-3
drawing
Natural
1-929504-5
1-929505-5
––
18
See customer
Black
1-929504-6
1-929505-6
1-828801-6
1-963357-2
drawing
Natural
1-929504-6
1-929505-6
––
22
See customer
Black
1-929504-7
1-929505-7
1-828801-7
1-963357-1
drawing
Natural
1-929504-7
1-929505-7
1-828801-1
1-963357-1
7.0
5.0
16.0
11.6
29.5
18.5
11.0
66.85
22.4
26.0
13.8
5.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com