Electronic Components Datasheet Search
  English  ▼

X  

927770-1 Datasheet(PDF) 47 Page - TE Connectivity Ltd

Part # 927770-1
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-1 Datasheet(HTML) 47 Page - TE Connectivity Ltd

Back Button 927770-1 Datasheet HTML 43Page - TE Connectivity Ltd 927770-1 Datasheet HTML 44Page - TE Connectivity Ltd 927770-1 Datasheet HTML 45Page - TE Connectivity Ltd 927770-1 Datasheet HTML 46Page - TE Connectivity Ltd 927770-1 Datasheet HTML 47Page - TE Connectivity Ltd 927770-1 Datasheet HTML 48Page - TE Connectivity Ltd 927770-1 Datasheet HTML 49Page - TE Connectivity Ltd 927770-1 Datasheet HTML 50Page - TE Connectivity Ltd 927770-1 Datasheet HTML 51Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 260 page
background image
Receptacle Contacts (continued)
Timer Contact System
Standard Power Timer
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
25
,) Material and Finish:
1-xxx-1 = CuFe, pre-tin plated
1-xxx-2 = CuSn, pretin plated
1-xxx-5 = CuFe, pre-silver plated
1-xxx-1 = CuFe, pre-tin plated
1-xxx-2 = CuFe, selective gold plated
1-xxx-4 = CuFe, selective gold plated
1-xxx-5 = CuFe, pre-silver plated
1-xxx-6 = CuNiSi, Sn28M plated
2-xxx-4 = CuSn, selective gold plated
N) The pre- and suffix for the
applicators depends on the
applied termination equipment.
0.2–0.5
–
1.15–1.60
-1
964322
2,300
964321
500
1530002
0.5–1.0
–
1.4–2.1
-1
964324
2,300
964323
500
1528206
2063536-1
> 1.0–2.5 >
–
2.2–3.0
-1 / -5
964326
2,300
964325
500
1528095
> 2.5–4.0 >
–
3.4–4.7
-1 / -5
964328
2,100
964327
500
1528298
0.5–1.0
2.3–2.7
1.4–2.1
1-xxx-1 / 1-xxx-2
964330
1,700
964329
500
1528297
-1
969040
1,500
969041
500
1528342
-5 /1-xxx-1 /1-xxx-2
964332
1,700
964331
500
1528102
> 1.0–2.5 >
3.0–3.6
2.2–3.0
1-964332-5
2063560-1
-1
969042
1,500
969043
500
1528231
> 2.5–4.0 >
4.1–4.4
3.4–3.7
1-xxx-1 / 1-xxx-5
964334
1,500
1-964333-1
500
1528246
-1 / -5 / 1-xxx-5
969044
1,500
969045
500
1530003
> 1.0–2.5 >
–
2.2–3.0
-2 / 2-xxx-4
968035
1,500
968036
500
1528102
–
> 2.5–4.0 >
–
3.4–3.7
-2 / 1-xxx-4 / 2-xxx-4
968037
1,500
968038
500
1528246
–
> 4.0–6.0 >
–
3.6–5.1
1-xxx-6
16704260
–
16704270
–
on request
–
Insulation Diameter
(mm)
FLK
FLR
Material
and Finish
,
Standard Receptacle Contacts with Modified Spring
Wire Size
Range
(mm2)
Part Numbers
Strip
Package
Loose-
Package
N Applicator N
Hand Tool
Form
Quantity
Piece
Quantity
Insulation Diameter
(mm)
FLK
FLR
Material
and Finish
,
Receptacle Contacts with Modified Spring and Single Wire Sealing System
Wire Size
Range
(mm2)
Part Numbers
Strip
Package
Loose-
Package
N Applicator N
Hand Tool
Form
Quantity
Piece
Quantity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com