Electronic Components Datasheet Search
  English  ▼

X  

927770-1 Datasheet(PDF) 57 Page - TE Connectivity Ltd

Part # 927770-1
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-1 Datasheet(HTML) 57 Page - TE Connectivity Ltd

Back Button 927770-1 Datasheet HTML 53Page - TE Connectivity Ltd 927770-1 Datasheet HTML 54Page - TE Connectivity Ltd 927770-1 Datasheet HTML 55Page - TE Connectivity Ltd 927770-1 Datasheet HTML 56Page - TE Connectivity Ltd 927770-1 Datasheet HTML 57Page - TE Connectivity Ltd 927770-1 Datasheet HTML 58Page - TE Connectivity Ltd 927770-1 Datasheet HTML 59Page - TE Connectivity Ltd 927770-1 Datasheet HTML 60Page - TE Connectivity Ltd 927770-1 Datasheet HTML 61Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 260 page
background image
Tab Contacts
Timer Contact System
Maxi Power Timer
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
35
,) Material and Finish:
xxx-1 = CuSn, pre-tin plated
xxx-2 = CuFe, pre-tin plated
xxx-3 = CuSn0.15, pre-tin plated
Tabs 9.5 x 1.2 mm
with Steel Top Spring,
Mates with
Maxi Power Timer
Modular Dimensions
Standard Version:
min. 11.0 mm x 12.5 mm
Modular Dimensions with
Single Wire Sealing System:
16.0mm x 16.0mm /
14.0mm x 16.0 mm
Extraction Tool:
Part No. 1-1579007-7
Application Specification:
114-18076
9.5
11.3
0.58
2.6
1.2
11.2
18.0
N) The pre- and suffix for the
applicators depends on the
applied termination equipment.
45.5 – 49.0
Insulation Diameter
(mm)
FLK
FLR
Material
and Finish
,
Part Numbers
Strip
Package
Loose-
Package
Form
Quantity
Piece
Quantity
N Applicator N
Hand Tool
Standard Tab Contacts
Wire Size
Range
(mm2)
> 2.5–4.0 >
3.3–4.7
–
-1 / -2
963764
530
963765
500
on request
734531-1
4.0–6.0
4.0–5.2
–
-1 / -2
963766
530
963767
500
on request
734532-1
6.0–10.0
4.7–6.6
–
-1 / -2
963768
530
963769
500
on request
734533-1
Insulation Diameter
(mm)
FLK
FLR
Material
and Finish
,
Part Numbers
Strip
Package
Loose-
Package
Form
Quantity
Piece
Quantity
N Applicator N
Hand Tool
Tab Contacts with Single Wire Sealing System
Wire Size
Range
(mm2)
> 2.5–4.0 >
4.0–4.5
–
-1 / -2
963770
450
963771
500
on request
–
4.0–6.0
4.7–5.3
–
-1 / -2
963772
450
963773
500
on request
–
6.0–10.0
6.2–6.6
–
-1 / -2
963774
450
963775
500
on request
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com