Electronic Components Datasheet Search
  English  ▼

X  

927770-1 Datasheet(PDF) 82 Page - TE Connectivity Ltd

Part # 927770-1
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-1 Datasheet(HTML) 82 Page - TE Connectivity Ltd

Back Button 927770-1 Datasheet HTML 78Page - TE Connectivity Ltd 927770-1 Datasheet HTML 79Page - TE Connectivity Ltd 927770-1 Datasheet HTML 80Page - TE Connectivity Ltd 927770-1 Datasheet HTML 81Page - TE Connectivity Ltd 927770-1 Datasheet HTML 82Page - TE Connectivity Ltd 927770-1 Datasheet HTML 83Page - TE Connectivity Ltd 927770-1 Datasheet HTML 84Page - TE Connectivity Ltd 927770-1 Datasheet HTML 85Page - TE Connectivity Ltd 927770-1 Datasheet HTML 86Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 260 page
background image
Receptacle and Tab Housings
Timer Housings and Connectors
Unsealed Junior Power Timer Housings
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
60
Part Numbers
Receptacle
Cover
Cover
Mating
2nd Locking
Mating PCB Header
Housing
and Lever
Tab Housing
Feature
Right-Angle
Vertical
18 Position Unsealed Housings
No. of
Pos.
Keying
Options
Housing
Color
See
18
customer
Gray
1-967624-1
––
1-967629-1
967634-1
966140-1
–
drawing
Technical Features
No. of Positions:
18 Positions
Housing Material:
PBT GF10
Wire Size Range:
Max. 2.5 mm2
Product Specification:
––
Application Specification:
––
32.05
35.5
5.5
31.2
17.4
5.0
37.5
31.2
5.0
5.5
27.4
34.8
26.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com