Electronic Components Datasheet Search
  English  ▼

X  

927770-1 Datasheet(PDF) 48 Page - TE Connectivity Ltd

Part # 927770-1
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-1 Datasheet(HTML) 48 Page - TE Connectivity Ltd

Back Button 927770-1 Datasheet HTML 44Page - TE Connectivity Ltd 927770-1 Datasheet HTML 45Page - TE Connectivity Ltd 927770-1 Datasheet HTML 46Page - TE Connectivity Ltd 927770-1 Datasheet HTML 47Page - TE Connectivity Ltd 927770-1 Datasheet HTML 48Page - TE Connectivity Ltd 927770-1 Datasheet HTML 49Page - TE Connectivity Ltd 927770-1 Datasheet HTML 50Page - TE Connectivity Ltd 927770-1 Datasheet HTML 51Page - TE Connectivity Ltd 927770-1 Datasheet HTML 52Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 260 page
background image
Tab Contacts Asymmetric
Timer Contact System
Standard Power Timer
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
26
Tabs 4.8 x 0.8 mm
with Asymmetric
Steel Top Spring,
Mates with
Standard Power Timer
Extraction Tool:
Part No. 2-1579007-5
Product Specification:
108-18064
Application Specification:
114-18052
4.8
0.8
0.38
9.5
5.5
26.9
,) Material and Finish:
xxx-1 = CuSn, pre-tin plated
xxx-2 = CuFe, pre-tin plated
N) The pre- and suffix for the
applicators depends on the
applied termination equipment.
Insulation Diameter
(mm)
FLK
FLR
Material
and Finish
,
Part Numbers
Strip
Package
Loose-
Package
Form
Quantity
Piece
Quantity
N Applicator N
Standard Tab Contacts
Wire Size
Range
(mm2)
0.5–1.0
2.0–2.7
1.4–2.0
-1 / -2
962905
1,000
963818
1,200
1528873
> 1.0–2.5 >
–
2.1–2.9
-1 / -2
962906
1,000
963819
1,500
on request
> 2.5–4.0 >
3.3–4.5
–
-1 / -2
962907
1,000
963820
1,500
on request
Insulation Diameter
(mm)
FLK
FLR
Material
and Finish
,
Part Numbers
Strip
Package
Loose-
Package
Form
Quantity
Piece
Quantity
N Applicator N
Tab Contacts with Single Wire Sealing System
Wire Size
Range
(mm2)
0.2–0.5
–
1.1–1.6
-1 / -2
963824
3,000
963825
500
1528753
0.5–1.0
–
1.4–2.0
-1 / -2
962903
3,000
963816
500
1528048
2.0–2.7
–
-1 / -2
962908
2,000
963821
500
on request
> 1.0–2.5 >
–
2.1–2.9
-1 / -2
962904
2,500
963817
500
1528729
> 2.5–4.0 >
3.3–4.5
–
-1 / -2
962910
1,700
963823
500
on request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com