Electronic Components Datasheet Search
  English  ▼

X  

927770-1 Datasheet(PDF) 53 Page - TE Connectivity Ltd

Part # 927770-1
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-1 Datasheet(HTML) 53 Page - TE Connectivity Ltd

Back Button 927770-1 Datasheet HTML 49Page - TE Connectivity Ltd 927770-1 Datasheet HTML 50Page - TE Connectivity Ltd 927770-1 Datasheet HTML 51Page - TE Connectivity Ltd 927770-1 Datasheet HTML 52Page - TE Connectivity Ltd 927770-1 Datasheet HTML 53Page - TE Connectivity Ltd 927770-1 Datasheet HTML 54Page - TE Connectivity Ltd 927770-1 Datasheet HTML 55Page - TE Connectivity Ltd 927770-1 Datasheet HTML 56Page - TE Connectivity Ltd 927770-1 Datasheet HTML 57Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 260 page
background image
Single Wire Seals and Sealing Plugs
Timer Contact System
Standard Power Timer
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
31
Single Wire Seals
and Sealing Plugs
for Standard Power Timer
and 5.8 mm (4.8 mm) Tabs
(Cavity Diameter 8.5 mm)
6.0
9.0
8.0
4.3
Contact Cavity of Housing
for Single Wire Seals and Sealing Plug
Sealing Plug
8.5
1.0 +1.0
Color
Part Number
Package
Quantity
2.0–2.7
White
1394511-1
10,000
3.4–3.7
Blue
1394512-1
10,000
4.0–4.5
Green
1719043-1
10,000
Sealing Plug
Transparent
967652-1
20,000
Insulation Diameter
(mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com