Electronic Components Datasheet Search
  English  ▼

X  

TL7702BCP Datasheet(PDF) 3 Page - Texas Instruments

Part # TL7702BCP
Description  TL7702B, TL7733B, and TL7705B Supply-Voltage Supervisors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL7702BCP Datasheet(HTML) 3 Page - Texas Instruments

  TL7702BCP Datasheet HTML 1Page - Texas Instruments TL7702BCP Datasheet HTML 2Page - Texas Instruments TL7702BCP Datasheet HTML 3Page - Texas Instruments TL7702BCP Datasheet HTML 4Page - Texas Instruments TL7702BCP Datasheet HTML 5Page - Texas Instruments TL7702BCP Datasheet HTML 6Page - Texas Instruments TL7702BCP Datasheet HTML 7Page - Texas Instruments TL7702BCP Datasheet HTML 8Page - Texas Instruments TL7702BCP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
5 Pin Configuration and Functions
1
REF
8
VCC
2
RESIN
7
SENSE
3
CT
6
RESET
4
GND
5
RESET
Not to scale
Figure 5-1. D or P Package 8-Pin SOIC or PDIP Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
CT
3
O
Timing capacitor input. The timing capacitor determines the time delay that the reset outputs remain
active after the voltage at the SENSE input exceeds the positive-going threshold value.
GND
4
—
Ground
REF
1
O
Reference voltage. See Section 6.5 for reference voltage output and specification.
RESET
6
O
Active high reset. See Figure 6-1 for RESET function and timing.
RESET
5
O
Active low reset. See Figure 6-1 for RESET function and timing.
RESIN
2
I
Reset input. When the Reset Input is low, the RESET output goes high and the RESET goes low. When
the Reset Input is high, the RESET and RESET outputs are allowed to trigger based on the SENSE
voltage.
SENSE
7
I
Sense input. Voltage input to be supervised. See Figure 6-1 for SENSE function and timing.
VCC
8
—
Supply voltage. See Section 6.3 for recommended voltage input range.
www.ti.com
TL7702B, TL7705B, TL7733B
SLVS037O – SEPTEMBER 1989 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com