Electronic Components Datasheet Search
  English  ▼

X  

TL7702BCP Datasheet(PDF) 6 Page - Texas Instruments

Part # TL7702BCP
Description  TL7702B, TL7733B, and TL7705B Supply-Voltage Supervisors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL7702BCP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL7702BCP Datasheet HTML 2Page - Texas Instruments TL7702BCP Datasheet HTML 3Page - Texas Instruments TL7702BCP Datasheet HTML 4Page - Texas Instruments TL7702BCP Datasheet HTML 5Page - Texas Instruments TL7702BCP Datasheet HTML 6Page - Texas Instruments TL7702BCP Datasheet HTML 7Page - Texas Instruments TL7702BCP Datasheet HTML 8Page - Texas Instruments TL7702BCP Datasheet HTML 9Page - Texas Instruments TL7702BCP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
6.5 Electrical Characteristics: TL77xxBC, TL77xxBI, and TL7705BQ
over operating free-air temperature range (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage, RESET
IOH = –16 mA
VCC – 1.5
V
VOL
Low-level output voltage, RESET
IOL = 16 mA
0.4
V
VREF
Reference voltage, REF
Iref = –500 µA, TA = 25°C
2.48
2.53
2.58
V
VIT–
Negative-going input
threshold voltage at
SENSE input
TL7702B
TA = 25°C
2.505
2.53
2.555
V
TL7705B
4.5
4.55
4.6
TL7733B
3.03
3.08
3.13
TL7702B
TA = full range(2)
2.48
2.53
2.58
TL7705B
4.45
4.55
4.65
TL7733B
3
3.08
3.16
VHYS
Hysteresis, SENSE
(VIT+ – VIT–)
TL7702B
VCC = 3.6 V to 18 V, TA = 25°C
10
mV
TL7705B
30
TL7733B
10
VRES
Power-up reset voltage(3)
IOL at RESET = 2 mA, TA = 25°C
1
V
II
Input current
RESIN
VI = 0.4 V to VCC
–10
µA
SENSE, TL7702B
VI = VREF to 18 V
–0.1
–2
IOH
High-level output current, RESET
VO = 18 V, see Figure 7-1
50
µA
IOL
Low-level output current, RESET
VO = 0 V, see Figure 7-1
–50
µA
ICC
Supply current
VSENSE = 15 V, RESIN ≥ 2 V
1.8
3
mA
VCC = 18 V, TA = full range(2)
3.5
(1)
All electrical characteristics are measured with 0.1-µF capacitors connected at REF, CT, and VCC to GND.
(2)
Full range is 0°C to 70°C for the C-suffix devices, –40°C to 85°C for the I-suffix devices, and –40°C to 125°C for the Q-suffix device.
(3)
This is the lowest voltage at which RESET becomes active.
6.6 Switching Characteristics: TL77xxBC, TL77xxBI, and TL7705BQ
VCC = 5 V, CT open, TA = 25°C, over operating free-air temperature range (unless otherwise noted)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX UNIT
tPLH
Propagation delay time from low-
level to high-level output
RESIN
RESET
See , Figure 6-1
Figure 6-2, Figure 7-1
270
500
ns
tPHL
Propagation delay time from high-
level to low-level output
RESIN
RESET
See Figure 6-1,
Figure 6-2, Figure 7-2
270
500
ns
tw
Effective pulse duration
RESIN
See Figure 7-3,Figure
7-4
150
ns
SENSE
100
tr
Rise time
RESET
See Figure 6-1,
Figure 7-1, Figure 7-2
75
ns
RESET
75
150
tf
Fall time
RESET
See Figure 6-1,
Figure 7-1, Figure 7-2
150
200
ns
RESET
50
TL7702B, TL7705B, TL7733B
SLVS037O – SEPTEMBER 1989 – REVISED DECEMBER 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com