Electronic Components Datasheet Search
  English  ▼

X  

TL7702BCP Datasheet(PDF) 11 Page - Texas Instruments

Part # TL7702BCP
Description  TL7702B, TL7733B, and TL7705B Supply-Voltage Supervisors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL7702BCP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL7702BCP Datasheet HTML 7Page - Texas Instruments TL7702BCP Datasheet HTML 8Page - Texas Instruments TL7702BCP Datasheet HTML 9Page - Texas Instruments TL7702BCP Datasheet HTML 10Page - Texas Instruments TL7702BCP Datasheet HTML 11Page - Texas Instruments TL7702BCP Datasheet HTML 12Page - Texas Instruments TL7702BCP Datasheet HTML 13Page - Texas Instruments TL7702BCP Datasheet HTML 14Page - Texas Instruments TL7702BCP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
8.3 Feature Description
8.3.1 Wide Supply-Voltage Range
The TL77xxB family operates using a wide supply voltage from 3.6 V to 18 V.
8.3.2 Adjustable Pulse Duration
The CT pin enables the ability to set a user-defined time delay in order to ensure that the fault condition is
recognized. The external capacitor charges based on an internal current source until the voltage at the CT pin
exceeds that of the internal reference voltage.
The time delay is determined by the value of the external capacitor CT : td ≈ 2.6 × 104 × CT , where CT is in
farads (F) and td is in seconds (s).
The current source to charge the timing capacitor varies ±15%. Reference Voltage 2 is approximately 1.8 V and
varies approximately ±5%. Once the timing capacitor charges, it discharges to about 0.6 V, not completely to 0 V.
8.4 Device Functional Modes
Figure 8-1 displays how the RESET and RESET output pins respond to the change in the the SENSE and
RESIN input pins. When the RESIN pin is high, the RESET outputs are able to respond to a drop in the supply
voltage at the SENSE pin. When the RESIN pin is low, the RESET and RESET pins are set HIGH and LOW
respectively.
10%
VIT+
VIT±
VIT+
0 V
VIH
VIL
2 V
0.8 V
tPLH
50%
50%
10%
10%
90%
10%
t d
SENSE
Undefined
RESET
Voltage
Fault
t f
t r
90%
t f
t d
t r
t d
t PHL
10%
90%
90%
VOH
VOL
RESIN
RESET
Copyright © 2016, Texas Instruments Incorporated
Figure 8-1. TL77xxB RESET and RESET Response and Timing
www.ti.com
TL7702B, TL7705B, TL7733B
SLVS037O – SEPTEMBER 1989 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com