Electronic Components Datasheet Search
  English  ▼

X  

TL7702BCP Datasheet(PDF) 14 Page - Texas Instruments

Part # TL7702BCP
Description  TL7702B, TL7733B, and TL7705B Supply-Voltage Supervisors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL7702BCP Datasheet(HTML) 14 Page - Texas Instruments

Back Button TL7702BCP Datasheet HTML 10Page - Texas Instruments TL7702BCP Datasheet HTML 11Page - Texas Instruments TL7702BCP Datasheet HTML 12Page - Texas Instruments TL7702BCP Datasheet HTML 13Page - Texas Instruments TL7702BCP Datasheet HTML 14Page - Texas Instruments TL7702BCP Datasheet HTML 15Page - Texas Instruments TL7702BCP Datasheet HTML 16Page - Texas Instruments TL7702BCP Datasheet HTML 17Page - Texas Instruments TL7702BCP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
10 Power Supply Recommendations
VS
10 k Ÿ
0.1
F
µ
SENSE
RESIN
GND
REF
RESET
RESET
VCC
CT
To System
RESET
R T
C T
To System
RESET
(see text)
7
2
1
3
5
6
8
4
10 k Ÿ
Reset Input
(from system)
System
Supply
Copyright © 2016, Texas Instruments Incorporated
Figure 10-1. System Reset Controller With Undervoltage Sensing
When the TL770xB SENSE terminal is used to monitor VCC, TI recommends a current-limiting resistor in series
with CT. During normal operation, the timing capacitor is charged by the onboard current source to
approximately VCC or an internal voltage clamp (≈7.1-V Zener), whichever is less. When the circuit then is
subjected to an undervoltage condition during which VCC is rapidly slewed down, the voltage on CT exceeds that
on VCC. This forward biases a secondary path internally, which falsely activates the outputs. A fault is indicated
when VCC drops below V(CT), not when VSENSE falls below VT–.
Adding the external resistor, RT, prevents false triggering. Its value is calculated as follows:
(V(CT) – VT-) / RT
(1)
where
• V(CT) = VCC or 7.1 V, whichever is less
• VT– = 4.55 V (nom)
• RT = value of series resistor required
For VCC = 5 V
(5 – 4.55) / RT < 1 mA
(2)
Therefore,
RT > 450 Ω
(3)
Using a 20%-tolerance resistor, RT should be greater than 560 Ω.
Adding this series resistor changes the duration of the reset pulse by no more than 10%. RT extends the
discharge of CT, but also skews the V(CT) threshold. These effects tend to cancel one another. The precise
percentage change can be derived theoretically, but the equation is complicated by this interaction and is
dependent upon the duration of the supply-voltage fault condition.
Both outputs of the TL770xB must be terminated with similar value resistors, even when only one is being used.
This prevents unwanted plateauing in either output waveform during switching, which may be interpreted as an
undefined state or delay system reset.
TL7702B, TL7705B, TL7733B
SLVS037O – SEPTEMBER 1989 – REVISED DECEMBER 2020
www.ti.com
14
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com