Electronic Components Datasheet Search
  English  ▼

X  

TL7702BCP Datasheet(PDF) 10 Page - Texas Instruments

Part # TL7702BCP
Description  TL7702B, TL7733B, and TL7705B Supply-Voltage Supervisors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL7702BCP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TL7702BCP Datasheet HTML 6Page - Texas Instruments TL7702BCP Datasheet HTML 7Page - Texas Instruments TL7702BCP Datasheet HTML 8Page - Texas Instruments TL7702BCP Datasheet HTML 9Page - Texas Instruments TL7702BCP Datasheet HTML 10Page - Texas Instruments TL7702BCP Datasheet HTML 11Page - Texas Instruments TL7702BCP Datasheet HTML 12Page - Texas Instruments TL7702BCP Datasheet HTML 13Page - Texas Instruments TL7702BCP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
8 Detailed Description
8.1 Overview
The TL7702B, TL7705B, and TL7733B are integrated-circuit supply-voltage supervisors designed for use as
reset controllers in microcomputer and microprocessor systems. The supply-voltage supervisor monitors the
supply for undervoltage conditions at the SENSE input. During power up, the RESET output becomes active
(low) when VCC attains a value approaching 1 V. As VCC approaches 3 V (assuming that SENSE is above VT+),
the delay-timer function activates a time delay, after which outputs RESET and RESET go inactive (high and low,
respectively). When an undervoltage condition occurs during normal operation, outputs RESET and RESET go
active. To ensure that a complete reset occurs, the reset outputs remain active for a time delay after the voltage
at the SENSE input exceeds the positive-going threshold value. The time delay is determined by the value of the
external capacitor CT : td ≈ 2.6 × 104 × CT , where CT is in farads (F) and td is in seconds (s).
An external capacitor (typically 0.1 µF) must be connected to REF to reduce the influence of fast transients in
the supply voltage.
8.2 Functional Block Diagram
The functional block diagram is shown for illustrative purposes only; the actual circuit includes a trimming
network to adjust the reference voltage and sense-comparator trip point.
+
±
+
±
SENSE
CT
VCC
3
7
RESIN
2
GND
4
R1
(see Note 1)
R2
(see Note 1)
Reference
Voltage 1
VX
Reference
Voltage 2
8
1
6
5
RESET
RESET
REF
Copyright © 2016, Texas Instruments Incorporated
TL7702B, TL7705B, TL7733B
SLVS037O – SEPTEMBER 1989 – REVISED DECEMBER 2020
www.ti.com
10
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com