Electronic Components Datasheet Search
  English  ▼

X  

TL7702BCP Datasheet(PDF) 12 Page - Texas Instruments

Part # TL7702BCP
Description  TL7702B, TL7733B, and TL7705B Supply-Voltage Supervisors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL7702BCP Datasheet(HTML) 12 Page - Texas Instruments

Back Button TL7702BCP Datasheet HTML 8Page - Texas Instruments TL7702BCP Datasheet HTML 9Page - Texas Instruments TL7702BCP Datasheet HTML 10Page - Texas Instruments TL7702BCP Datasheet HTML 11Page - Texas Instruments TL7702BCP Datasheet HTML 12Page - Texas Instruments TL7702BCP Datasheet HTML 13Page - Texas Instruments TL7702BCP Datasheet HTML 14Page - Texas Instruments TL7702BCP Datasheet HTML 15Page - Texas Instruments TL7702BCP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
Figure 9-1 shows an application where the TL7705B device is being used to sense the voltage supply for a
microcontroller that is supplied with 5 V. If the voltage supply drops below the threshold voltage, the RESET pin
is pulled LOW, signaling the microcontroller to reset.
9.2 Typical Application
TL7705B
Copyright © 2016, Texas Instruments Incorporated
Figure 9-1. Reset Controller Schematic for a Microprocessor
9.2.1 Design Requirements
The external components required include the decoupling capacitor for the REF pin and the timing capacitor for
the CT pin. Additionally, because the RESET output is open collector, a pullup resistor is required to ensure the
correct HIGH level for the microcontroller RESET pin.
9.2.2 Detailed Design Procedure
TI recommends pullup and pulldown resistors of 10 kΩ.
To achieve a 2.6 ms time delay, use CT = 0.1 µF.
Both outputs of the TL770xB must be terminated with similar value resistors, even when only one is being used.
This prevents unwanted plateauing in either output waveform during switching, which may be interpreted as an
undefined state or delay system reset
TL7702B, TL7705B, TL7733B
SLVS037O – SEPTEMBER 1989 – REVISED DECEMBER 2020
www.ti.com
12
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com