Electronic Components Datasheet Search
  English  ▼

X  

TL7702BCP Datasheet(PDF) 1 Page - Texas Instruments

Part # TL7702BCP
Description  TL7702B, TL7733B, and TL7705B Supply-Voltage Supervisors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL7702BCP Datasheet(HTML) 1 Page - Texas Instruments

  TL7702BCP Datasheet HTML 1Page - Texas Instruments TL7702BCP Datasheet HTML 2Page - Texas Instruments TL7702BCP Datasheet HTML 3Page - Texas Instruments TL7702BCP Datasheet HTML 4Page - Texas Instruments TL7702BCP Datasheet HTML 5Page - Texas Instruments TL7702BCP Datasheet HTML 6Page - Texas Instruments TL7702BCP Datasheet HTML 7Page - Texas Instruments TL7702BCP Datasheet HTML 8Page - Texas Instruments TL7702BCP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
TL7702B, TL7733B, and TL7705B Supply-Voltage Supervisors
1 Features
• Power-On Reset Generator
• Automatic Reset Generation After Voltage Drop
• RESET Output Defined From VCC ≥ 1 V
• Precision Voltage Sensor
• Temperature-Compensated Voltage Reference
• True and Complement Reset Outputs
• Externally Adjustable Pulse Duration
2 Applications
• Wireless communication systems
• Factory automation
• Building automation
• Servers
• Notebooks and Desktop computers
• STB and DVR
3 Description
The TL7702B, TL7705B, and TL7733B are integrated-
circuit supply-voltage supervisors designed for use as
reset
controllers
in
microcomputer
and
microprocessor
systems.
The
supply-voltage
supervisor monitors the supply for undervoltage
conditions at the SENSE input. When an undervoltage
condition occurs during normal operation, outputs
RESET and RESET go active.
The TL7702BC, TL7705BC, and TL7733BC are
characterized for operation from 0°C to 70°C. The
TL7702BI,
TL7705BI,
and
TL7733BI
are
characterized for operation from –40°C to 85°C. The
TL7705BQ is characterized for operation from –40°C
to 125°C.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TL77xxBD
SOIC (8)
4.90 mm × 3.91 mm
TL77xxBP
PDIP (8)
9.81 mm × 6.35 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
+
±
+
±
SENSE
CT
VCC
3
7
RESIN
2
GND
4
R1
(see Note 1)
R2
(see Note 1)
Reference
Voltage 1
VX
Reference
Voltage 2
8
1
6
5
RESET
RESET
REF
Copyright © 2016, Texas Instruments Incorporated
Functional Block Diagram
www.ti.com
TL7702B, TL7705B, TL7733B
SLVS037O – SEPTEMBER 1989 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
TL7702B, TL7705B, TL7733B
SLVS037O – SEPTEMBER 1989 – REVISED DECEMBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TL7702BCP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7702BCP TI-TL7702BCP Datasheet
159Kb / 11P
SUPPLY-VOLTAGE SUPERVISORS
TL7702BCP TI-TL7702BCP Datasheet
333Kb / 9P
SUPPLY-VOLTAGE SUPERVISORS
TL7702BCP TI-TL7702BCP Datasheet
388Kb / 18P
SUPPLY-VOLTAGE SUPERVISORS
TL7702BCP TI-TL7702BCP Datasheet
577Kb / 20P
SUPPLY-VOLTAGE SUPERVISORS
TL7702BCPE4 TI-TL7702BCPE4 Datasheet
388Kb / 18P
SUPPLY-VOLTAGE SUPERVISORS
More results

Similar Description - TL7702BCP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL7700A STMICROELECTRONICS-TL7700A Datasheet
50Kb / 7P
SUPPLY VOLTAGE SUPERVISORS
Apr-2000
logo
Texas Instruments
TL7702A TI-TL7702A Datasheet
140Kb / 10P
SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B Datasheet
159Kb / 11P
SUPPLY-VOLTAGE SUPERVISORS
TL7759 TI-TL7759 Datasheet
87Kb / 6P
SUPPLY-VOLTAGE SUPERVISORS
TL7733B TI-TL7733B Datasheet
333Kb / 9P
SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B_06 Datasheet
388Kb / 18P
SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A_03 Datasheet
346Kb / 17P
SUPPLY-VOLTAGE SUPERVISORS
TL7759 TI-TL7759_06 Datasheet
257Kb / 12P
SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A_10 Datasheet
552Kb / 21P
SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B_08 Datasheet
577Kb / 20P
SUPPLY-VOLTAGE SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com