Electronic Components Datasheet Search
  English  ▼

X  

CD4069UB Datasheet(PDF) 16 Page - Texas Instruments

Part # CD4069UB
Description  CD4069UB CMOS hex inverter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD4069UB Datasheet(HTML) 16 Page - Texas Instruments

Back Button CD4069UB Datasheet HTML 12Page - Texas Instruments CD4069UB Datasheet HTML 13Page - Texas Instruments CD4069UB Datasheet HTML 14Page - Texas Instruments CD4069UB Datasheet HTML 15Page - Texas Instruments CD4069UB Datasheet HTML 16Page - Texas Instruments CD4069UB Datasheet HTML 17Page - Texas Instruments CD4069UB Datasheet HTML 18Page - Texas Instruments CD4069UB Datasheet HTML 19Page - Texas Instruments CD4069UB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
VCC
Unused Input
Input
Output
Output
Input
Unused Input
16
CD4069UB
SCHS054E – NOVEMBER 1998 – REVISED JANUARY 2019
www.ti.com
Product Folder Links: CD4069UB
Submit Documentation Feedback
Copyright © 1998–2019, Texas Instruments Incorporated
10 Power Supply Recommendations
The power supply can be any voltage between the minimum and maximum supply voltage rating located in
Recommended Operating Conditions.
Each VCC pin must have a good bypass capacitor to prevent power disturbance. For devices with a single supply,
TI recommends a 0.1-μF capacitor. If there are multiple VCC pins, then TI recommends a 0.01-μF or 0.022-μF
capacitor for each power pin. It is acceptable to parallel multiple bypass capacitors to reject different frequencies
of noise. 0.1-μF and 1-μF capacitors are commonly used in parallel. The bypass capacitor must be installed as
close to the power pin as possible for best results.
11 Layout
11.1 Layout Guidelines
When using multiple bit logic devices, inputs must never float.
In many cases, digital logic device functions or parts of these functions are unused (for example, when only two
inputs of a triple-input and gate are used, or only 3 of the 4 buffer gates are used). Such input pins must not be
left unconnected because the undefined voltages at the outside connections result in undefined operational
states. This rule must be observed under all circumstances specified in the next paragraph.
All unused inputs of digital logic devices must be connected to a high or low bias to prevent them from floating.
See the application note, Implications of Slow or Floating CMOS Inputs (SCBA004), for more information on the
effects of floating inputs. The logic level must apply to any particular unused input depending on the function of
the device. Generally, they are tied to GND or VCC (whichever is convenient).
11.2 Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com