Electronic Components Datasheet Search
  English  ▼

X  

CD4069UB Datasheet(PDF) 13 Page - Texas Instruments

Part # CD4069UB
Description  CD4069UB CMOS hex inverter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD4069UB Datasheet(HTML) 13 Page - Texas Instruments

Back Button CD4069UB Datasheet HTML 9Page - Texas Instruments CD4069UB Datasheet HTML 10Page - Texas Instruments CD4069UB Datasheet HTML 11Page - Texas Instruments CD4069UB Datasheet HTML 12Page - Texas Instruments CD4069UB Datasheet HTML 13Page - Texas Instruments CD4069UB Datasheet HTML 14Page - Texas Instruments CD4069UB Datasheet HTML 15Page - Texas Instruments CD4069UB Datasheet HTML 16Page - Texas Instruments CD4069UB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
A
1
2
VDD = Pin 14
VSS = Pin 7
F
G = A
B
H = B
C
I = C
L = F
E
K = E
D
J = D
3
4
5
6
9
8
11
10
13
12
13
CD4069UB
www.ti.com
SCHS054E – NOVEMBER 1998 – REVISED JANUARY 2019
Product Folder Links: CD4069UB
Submit Documentation Feedback
Copyright © 1998–2019, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The CD4069UB device has six inverter circuits. The recommended operating range is from 3 V to
18 V. The CD4069UB-series types are supplied in 14-pin hermetic dual-in-line ceramic packages (F3A suffix),
14-pin dual-in-line plastic packages (E suffix), 14-pin small-outline packages (M, MT, M96, and NSR suffixes),
and 14-pin thin shrink small-outline packages (PW and PWR suffixes).
8.2 Functional Block Diagram
8.3 Feature Description
CD4069UB has standardized symmetrical output characteristics and a wide operating voltage range from 3 V to
18 V with quiescent current tested at 20 V. This has a medium operation speed of tPHL, tPLH = 30 ns (typical) at
10 V. The operating temperature is from –55°C to 125°C. CB4069B meets all requirements of JEDEC tentative
standard No. 13B, Standard Specifications for Description of B Series CMOS Devices.
8.4 Device Functional Modes
Table 1 shows the functional modes for CD4069UB.
Table 1. Function Table
INPUT
A, B, C, D, E, F
OUTPUT
G, H, I, J, K, L
H
L
L
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com