Electronic Components Datasheet Search
  English  ▼

X  

CD4069UB Datasheet(PDF) 6 Page - Texas Instruments

Part # CD4069UB
Description  CD4069UB CMOS hex inverter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD4069UB Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD4069UB Datasheet HTML 2Page - Texas Instruments CD4069UB Datasheet HTML 3Page - Texas Instruments CD4069UB Datasheet HTML 4Page - Texas Instruments CD4069UB Datasheet HTML 5Page - Texas Instruments CD4069UB Datasheet HTML 6Page - Texas Instruments CD4069UB Datasheet HTML 7Page - Texas Instruments CD4069UB Datasheet HTML 8Page - Texas Instruments CD4069UB Datasheet HTML 9Page - Texas Instruments CD4069UB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
6
CD4069UB
SCHS054E – NOVEMBER 1998 – REVISED JANUARY 2019
www.ti.com
Product Folder Links: CD4069UB
Submit Documentation Feedback
Copyright © 1998–2019, Texas Instruments Incorporated
Electrical Characteristics – Static (continued)
TA = 25°C; input tr, tf = 20 ns; CL = 50 pF; RL = 200 kΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH
Output high (source) current
VO = 4.6 V, VIN = 0 V,
VDD = 5 V
TA = –55°C
–0.64
mA
TA = –40°C
–0.61
TA = 25°C
–0.51
–1
TA = 85°C
–0.42
TA = 125°C
–0..36
VO = 2.5 V, VIN = 0 V,
VDD = 5 V
TA = –55°C
–2
TA = –40°C
–1.8
TA = 25°C
–1.6
–3.2
TA = 85°C
–1.3
TA = 125°C
–1.15
VO = 9.5 V, VIN = 0 V,
VDD = 10 V
TA = –55°C
–1.6
TA = –40°C
–1.5
TA = 25°C
–1.3
–2.6
TA = 85°C
–1.1
TA = 125°C
–0.9
VO = 13.5 V, VIN = 0 V,
VDD = 15 V
TA = –55°C
–4.2
TA = –40°C
–4
TA = 25°C
–3.4
–6.8
TA = 85°C
–2.8
TA = 125°C
–2.4
VOL
Low-level output voltage
VIN = 5 V, VDD = 5 V
TA = 25°C
0
0.05
V
All other
temperatures
0.05
VIN = 10 V, VDD = 10 V
TA = 25°C
0
0.05
All other
temperatures
0.05
VIN = 15 V, VDD = 15 V
TA = 25°C
0
0.05
All other
temperatures
0.05
VOH
High-level output voltage
VIN = 0 V, VDD = 5 V
TA = 25°C
4.95
5
V
All other
temperatures
4.95
VIN = 0 V, VDD = 10 V
TA = 25°C
9.95
10
All other
temperatures
9.95
VIN = 0 V, VDD = 15 V
TA = 25°C
14.95
15
All other
temperatures
14.95
VIL
Input low voltage
VO = 4.5 V, VDD = 5 V, all temperatures
1
V
VO = 9 V, VDD = 10 V, all temperatures
2
VO = 13.5 V, VDD = 15 V, all temperatures
2.5
VIH
Input high voltage
VO = 0.5 V, VDD = 5 V, all temperatures
4
V
VO = 1 V, VDD = 10 V, all temperatures
8
VO = 1.5 V, VDD = 15 V, all temperatures
12.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com