Electronic Components Datasheet Search
  English  ▼

X  

CD4069UB Datasheet(PDF) 5 Page - Texas Instruments

Part # CD4069UB
Description  CD4069UB CMOS hex inverter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD4069UB Datasheet(HTML) 5 Page - Texas Instruments

  CD4069UB Datasheet HTML 1Page - Texas Instruments CD4069UB Datasheet HTML 2Page - Texas Instruments CD4069UB Datasheet HTML 3Page - Texas Instruments CD4069UB Datasheet HTML 4Page - Texas Instruments CD4069UB Datasheet HTML 5Page - Texas Instruments CD4069UB Datasheet HTML 6Page - Texas Instruments CD4069UB Datasheet HTML 7Page - Texas Instruments CD4069UB Datasheet HTML 8Page - Texas Instruments CD4069UB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
5
CD4069UB
www.ti.com
SCHS054E – NOVEMBER 1998 – REVISED JANUARY 2019
Product Folder Links: CD4069UB
Submit Documentation Feedback
Copyright © 1998–2019, Texas Instruments Incorporated
6.5 Electrical Characteristics – Dynamic
TA = 25°C; input tr, tf = 20 ns; CL = 50 pF; RL = 200 kΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
VDD (V) = 5
55
110
ns
VDD (V) = 10
30
60
VDD (V) = 15
25
50
tTHL, tTLH
Transition time
VDD (V) = 5
100
200
ns
VDD (V) = 10
50
100
VDD (V) = 15
40
80
CIN
Input capacitance
Any input
10
15
pF
6.6 Electrical Characteristics – Static
TA = 25°C; input tr, tf = 20 ns; CL = 50 pF; RL = 200 kΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDD
Quiescent device current
VIN = 0V or 5 V , VDD = 5 V
TA = –55°C
0.25
µA
TA = –40°C
0.25
TA = 25°C
0.01
0.25
TA = 85°C
7.5
TA = 125°C
7.5
VIN = 0 or 10 V, VDD = 10 V
TA = –55°C
0.5
TA = –40°C
0.5
TA = 25°C
0.01
0.5
TA = 85°C
15
TA = 125°C
15
VIN = 0 or 15 V, VDD = 15 V
TA = –55°C
1
TA = –40°C
1
TA = 25°C
0.01
1
TA = 85°C
30
TA = 125°C
30
VIN = 0 or 20 V, VDD = 20 V
TA = –55°C
5
TA = –40°C
5
TA = 25°C
0.02
5
TA = 85°C
150
TA = 125°C
150
IOL
Output low (sink) current
VO = 0.4 V, VIN = 5 V,
VDD = 5 V
TA = –55°C
0.64
mA
TA = –40°C
0.61
TA = 25°C
0.51
1
TA = 85°C
0.42
TA = 125°C
0.36
VO = 0.5 V, VIN = 10 V,
VDD = 10 V
TA = –55°C
1.6
TA = –40°C
1.5
TA = 25°C
1.3
2.6
TA = 85°C
1.1
TA = 125°C
0.9
VO = 1.5 V, VIN = 15 V,
VDD = 15 V
TA = –55°C
4.2
TA = –40°C
4
TA = 25°C
3.4
6.8
TA = 85°C
2.8
TA = 125°C
2.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com