Electronic Components Datasheet Search
  English  ▼

X  

CD4069UB Datasheet(PDF) 9 Page - Texas Instruments

Part # CD4069UB
Description  CD4069UB CMOS hex inverter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD4069UB Datasheet(HTML) 9 Page - Texas Instruments

Back Button CD4069UB Datasheet HTML 5Page - Texas Instruments CD4069UB Datasheet HTML 6Page - Texas Instruments CD4069UB Datasheet HTML 7Page - Texas Instruments CD4069UB Datasheet HTML 8Page - Texas Instruments CD4069UB Datasheet HTML 9Page - Texas Instruments CD4069UB Datasheet HTML 10Page - Texas Instruments CD4069UB Datasheet HTML 11Page - Texas Instruments CD4069UB Datasheet HTML 12Page - Texas Instruments CD4069UB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
VDD
p
n
VDD
VSS
1 (3, 5, 9, 11, 13)
A
2 (4, 6, 8, 10, 12)
G
G = A
Supply Voltage (V)
0
5
10
15
20
25
0
20
40
60
80
100
120
140
D037
CL = 15 pF
CL = 50 pF
Drain-to-Source Voltage (V)
-25
-20
-15
-10
-5
0
-20
-15
-10
-5
0
D004
Gate-to-Source Voltage = -5 V
Gate-to-Source Voltage = -10 V
Gate-to-Source Voltage = -15 V
Load Capacitance (pF)
0
20
40
60
80
100
120
140 150
0
20
40
60
80
100
120
D036
VDD = 5 V
VDD = 10 V
VDD = 15 V
9
CD4069UB
www.ti.com
SCHS054E – NOVEMBER 1998 – REVISED JANUARY 2019
Product Folder Links: CD4069UB
Submit Documentation Feedback
Copyright © 1998–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 7. Minimum Output High (Source) Current
Characteristics
Figure 8. Typical Propagation Delay Time vs Load
Capacitance
Figure 9. Typical Propagation Delay Time vs Supply Voltage
7 Parameter Measurement Information
Figure 10. Schematic Diagram of One of Six Identical Inverters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com