Electronic Components Datasheet Search
  English  ▼

X  

CD4069UB Datasheet(PDF) 3 Page - Texas Instruments

Part # CD4069UB
Description  CD4069UB CMOS hex inverter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD4069UB Datasheet(HTML) 3 Page - Texas Instruments

  CD4069UB Datasheet HTML 1Page - Texas Instruments CD4069UB Datasheet HTML 2Page - Texas Instruments CD4069UB Datasheet HTML 3Page - Texas Instruments CD4069UB Datasheet HTML 4Page - Texas Instruments CD4069UB Datasheet HTML 5Page - Texas Instruments CD4069UB Datasheet HTML 6Page - Texas Instruments CD4069UB Datasheet HTML 7Page - Texas Instruments CD4069UB Datasheet HTML 8Page - Texas Instruments CD4069UB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VSS
VDD
F
G = A
A
B
H = B
C
I = C
L = F
E
K = E
D
J = D
3
CD4069UB
www.ti.com
SCHS054E – NOVEMBER 1998 – REVISED JANUARY 2019
Product Folder Links: CD4069UB
Submit Documentation Feedback
Copyright © 1998–2019, Texas Instruments Incorporated
5 Pin Configuration and Functions
D, J, N, NS, and PW Packages
14-Pin PDIP, CDIP, SOIC, SO, and TSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
A
1
I
A input
B
3
I
B input
C
5
I
C input
D
9
I
D input
E
11
I
E input
F
13
I
F input
G = A
2
O
G output
H = B
4
O
H output
I = C
6
O
I output
J = D
8
O
J output
K = E
10
O
K output
L = F
12
O
L output
VDD
14
—
Positive supply
VSS
7
—
Negative supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com