Electronic Components Datasheet Search
  English  ▼

X  

CD4069UB Datasheet(PDF) 14 Page - Texas Instruments

Part # CD4069UB
Description  CD4069UB CMOS hex inverter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD4069UB Datasheet(HTML) 14 Page - Texas Instruments

Back Button CD4069UB Datasheet HTML 10Page - Texas Instruments CD4069UB Datasheet HTML 11Page - Texas Instruments CD4069UB Datasheet HTML 12Page - Texas Instruments CD4069UB Datasheet HTML 13Page - Texas Instruments CD4069UB Datasheet HTML 14Page - Texas Instruments CD4069UB Datasheet HTML 15Page - Texas Instruments CD4069UB Datasheet HTML 16Page - Texas Instruments CD4069UB Datasheet HTML 17Page - Texas Instruments CD4069UB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
C
VCC
Logic signal
R
LED
Copyright © 2016,
Texas Instruments Incorporated
14
CD4069UB
SCHS054E – NOVEMBER 1998 – REVISED JANUARY 2019
www.ti.com
Product Folder Links: CD4069UB
Submit Documentation Feedback
Copyright © 1998–2019, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The CD4069UB device has a low input current of 1 µA at 18 V over full package-temperature range and 100 nA
at 18 V, 25°C. This device has a wide operating voltage range from 3 V to 18 V and used in high voltage
applications.
9.2 Typical Application
Figure 20. CD4069UB Application
9.2.1 Design Requirements
The CD4069UB device is the industry's highest logic inverter operating at 18 V under recommended conditions.
The lower drive capabilities makes it suitable for driving light loads like LED and greatly reduces chances of
overshoots and undershoots.
9.2.2 Detailed Design Procedure
The recommended input conditions for Figure 20 includes rise time and fall time specifications (see Δt/ΔV in
Recommended Operating Conditions) and specified high and low levels (see VIH and VIL in Recommended
Operating Conditions). Inputs are not overvoltage tolerant and must be below VCC level because of the presence
of input clamp diodes to VCC.
The recommended output condition for the CD4069UB application includes specific load currents. Load currents
must be limited so as to not exceed the total power (continuous current through VCC or GND) for the device.
These limits are located in the Absolute Maximum Ratings. Outputs must not be pulled above VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com