Electronic Components Datasheet Search
  English  ▼

X  

ISO154X Datasheet(PDF) 16 Page - Texas Instruments

Part # ISO154X
Description  ISO154x Low-Power Bidirectional I2C Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO154X Datasheet(HTML) 16 Page - Texas Instruments

Back Button ISO154X Datasheet HTML 12Page - Texas Instruments ISO154X Datasheet HTML 13Page - Texas Instruments ISO154X Datasheet HTML 14Page - Texas Instruments ISO154X Datasheet HTML 15Page - Texas Instruments ISO154X Datasheet HTML 16Page - Texas Instruments ISO154X Datasheet HTML 17Page - Texas Instruments ISO154X Datasheet HTML 18Page - Texas Instruments ISO154X Datasheet HTML 19Page - Texas Instruments ISO154X Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Free-Air Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
132
134
136
138
140
142
144
146
148
D011
VCC1 and VCC2 = 3.3 V
VCC1 and VCC2 = 5 V
R1 = 2.2 kΩ
C1 = 40 pF
Figure 6-14. tPLH2-1 Propagation Delay vs Free-Air
Temperature
0
10
20
30
40
50
60
70
80
−40 −25 −10
5
20
35
50
65
80
95
110 125
Free-Air Temperature (°C)
VCC1 and VCC2 = 3.3 V
VCC1 and VCC2 = 5 V
R1 = 2.2 kΩ
C1 = 40 pF
Figure 6-15. tPHL2-1 Propagation Delay vs Free-Air
Temperature
Free-Air Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
20
40
60
80
100
120
140
D013
VCC1 and VCC2 = 3.3 V, R1 = 953 :, R2 = 95.3 :
VCC1 and VCC2 = 5 V, R1 = 1430 :, R2 = 143 :
C1 = 40 pF
C2 = 400 pF
Figure 6-16. tLOOP1 vs Free-Air Temperature
Free-Air Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
575
580
585
590
595
600
D014
VCC1 and VCC2 = 3.3 V
VCC1 and VCC2 = 5 V
C1 = 40 pF
C2 = 400 pF
R1 = 2.2 kΩ
R2 = 2.2 kΩ
Figure 6-17. tLOOP1 vs Free-Air Temperature
Free-Air Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
10
20
30
40
50
60
70
D015
VCC1 and VCC2 = 3.3 V
VCC1 and VCC2 = 5 V
Figure 6-18. CMTI vs Free-Air Temperature
ISO1540, ISO1541
SLLSEB6F – JULY 2012 – REVISED DECEMBER 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ISO1540 ISO1541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com