Electronic Components Datasheet Search
  English  ▼

X  

ISO154X Datasheet(PDF) 21 Page - Texas Instruments

Part # ISO154X
Description  ISO154x Low-Power Bidirectional I2C Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO154X Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO154X Datasheet HTML 17Page - Texas Instruments ISO154X Datasheet HTML 18Page - Texas Instruments ISO154X Datasheet HTML 19Page - Texas Instruments ISO154X Datasheet HTML 20Page - Texas Instruments ISO154X Datasheet HTML 21Page - Texas Instruments ISO154X Datasheet HTML 22Page - Texas Instruments ISO154X Datasheet HTML 23Page - Texas Instruments ISO154X Datasheet HTML 24Page - Texas Instruments ISO154X Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
The comparator’s upper and lower input thresholds then distinguish between the proper low-potential of 0.4 V
(maximum) driven directly by SDA1 and the buffered output low-level of B.
Figure 7-4 demonstrate the switching behavior of the I2C isolator, ISO1540, between a controller node at SDA1
and a heavy loaded bus at SDA2.
V
OL1
V
IHT1
SDA1
SDA2
SDA2
SDA1
Transmit
Delay
Transmit
Delay
Receive
Delay
V
IHT2
50%
50%
30%
30%
Receive
Delay
Receive
Delay
VCC1
VCC1
VCC2
VCC2
VCC1
VCC1
VCC2
VCC2
Figure 7-4. SDA Channel Timing in Receive and Transmit Directions
7.4.1 Receive Direction (Left Diagram of )
When the I2C bus drives SDA2 low, SDA1 follows after a certain delay in the receive path. The output low is the
buffered output of VOL1 = 0.75 V, which is sufficiently low to be detected by Schmitt-trigger inputs with a minimum
input-low voltage of VIL = 0.9 V at 3 V supply levels.
When SDA2 is released, its voltage potential increases towards VCC2 following the time-constant formed
by RPU2 and Cbus. After the receive delay, SDA1 is released and also rises towards VCC1, following the
time-constant RPU1 × Cnode. Because of the significant lower time-constant, SDA1 may reach VCC1 before
SDA2 reaches VCC2 potential.
7.4.2 Transmit Direction (Right Diagram of )
When a controller drives SDA1 low, SDA2 follows after a certain delay in the transmit direction. When SDA2
turns low it also causes the output of buffer B to turn low but at a higher 0.75 V level. This level cannot be
observed immediately as it is overwritten by the lower low-level of the controller.
However, when the controller releases SDA1, the voltage potential increases and first must pass the upper input
threshold of the comparator, VIHT1, to release SDA2. SDA1 then increases further until it reaches the buffered
output level of VOL1 = 0.75 V, maintained by the receive path. When comparator C turns high, SDA2 is released
after the delay in transmit direction. It takes another receive delay until B’s output turns high and fully releases
SDA1 to move toward VCC1 potential.
7.5 Device Functional Modes
Table 7-2 lists the ISO154x functional modes.
Table 7-2. Function Table
POWER STATE
INPUT
OUTPUT
VCC1 or VCC2 < 2.1 V
X
Z
VCC1 and VCC2 > 2.8 V
L
L
VCC1 and VCC2 > 2.8 V
H
Z
VCC1 and VCC2 > 2.8 V
Z(1)
?
(1)
Invalid input condition as an I2C system requires that a pullup resistor to VCC is connected.
www.ti.com
ISO1540, ISO1541
SLLSEB6F – JULY 2012 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: ISO1540 ISO1541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com