Electronic Components Datasheet Search
  English  ▼

X  

ISO154X Datasheet(PDF) 12 Page - Texas Instruments

Part # ISO154X
Description  ISO154x Low-Power Bidirectional I2C Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO154X Datasheet(HTML) 12 Page - Texas Instruments

Back Button ISO154X Datasheet HTML 8Page - Texas Instruments ISO154X Datasheet HTML 9Page - Texas Instruments ISO154X Datasheet HTML 10Page - Texas Instruments ISO154X Datasheet HTML 11Page - Texas Instruments ISO154X Datasheet HTML 12Page - Texas Instruments ISO154X Datasheet HTML 13Page - Texas Instruments ISO154X Datasheet HTML 14Page - Texas Instruments ISO154X Datasheet HTML 15Page - Texas Instruments ISO154X Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
6.12 Switching Characteristics
over recommended operating conditions, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
3 V ≤ VCC1, VCC2 ≤ 3.6 V
tf1
Output Signal Fall Time
(SDA1, SCL1)
See Figure 7-1
R1 = 953 Ω,
C1 = 40 pF
0.7 × VCC1 to 0.3 × VCC1
8
17
29
ns
0.9 × VCC1 to 900 mV
16
29
48
tf2
Output Signal Fall Time
(SDA2, SCL2)
See Figure 7-1
R2 = 95.3 Ω,
C2 = 400 pF
0.7 × VCC2 to 0.3 × VCC2
14
23
47
ns
0.9 × VCC2 to 400 mV
35
50
100
tpLH1-2
Low-to-High Propagation
Delay, Side 1 to Side 2
See Figure 7-1
R1 = 953 Ω,
R2 = 95.3 Ω,
C1, C2 = 10 pF
0.55 V to 0.7 × VCC2
33
65
ns
tPHL1-2
High-to-Low Propagation
Delay, Side 1 to Side 2
0.7 V to 0.4 V
90
181
ns
PWD1-2
Pulse Width Distortion
|tpHL1-2 – tpLH1-2|
55
123
ns
tPLH2-1 (1)
Low-to-High Propagation
Delay, Side 2 to Side 1
0.4 × VCC2 to 0.7 × VCC1
47
68
ns
tPHL2-1 (1)
High-to-Low Propagation
Delay, Side 2 to Side 1
0.4 × VCC2 to 0.9 V
67
109
ns
PWD2-1 (1)
Pulse Width Distortion
|tpHL2-1 – tpLH2-1|
20
49
ns
tLOOP1 (1)
Round-trip propagation
delay on Side 1
See Figure 7-2;
R1 = 953 Ω, C1 = 40 pF
R2 = 95.3 Ω, C2 = 400 pF
0.4 V to 0.3 × VCC1
100
165
ns
4.5 V ≤ VCC1, VCC2 ≤ 5.5 V
tf1
Output Signal Fall Time
(SDA1, SCL1)
See Figure 7-1
R1 = 1430 Ω,
C1 = 40 pF
0.7 × VCC1 to 0.3 × VCC1
6
11
22
ns
0.9 × VCC1 to 900 mV
13
21
48
tf2
Output Signal Fall Time
(SDA2, SCL2)
See Figure 7-1
R2 = 143 Ω,
C2 = 400 pF
0.7 × VCC2 to 0.3 × VCC2
10
18
35
ns
0.9 × VCC2 to 400 mV
28
41
76
tpLH1-2
Low-to-High Propagation
Delay, Side 1 to Side 2
See Figure 7-1
R1 = 1430 Ω,
R2 = 143 Ω,
C1,2 = 10 pF
0.55 V to 0.7 × VCC2
31
62
ns
tPHL1-2
High-to-Low Propagation
Delay, Side 1 to Side 2
0.7 V to 0.4 V
70
139
ns
PWD1-2
Pulse Width Distortion
|tpHL1-2 – tpLH1-2|
38
80
ns
tPLH2-1 (1)
Low-to-high propagation
delay, side 2 to side 1
0.4 × VCC2 to 0.7 × VCC1
55
80
ns
tPHL2-1 (1)
High-to-low propagation
delay, Side 2 to side 1
0.4 × VCC2 to 0.9 V
47
85
ns
PWD2-1 (1)
Pulse Width Distortion
|tpHL2-1 – tpLH2-1|
8
34
ns
tLOOP1 (1)
Round-trip propagation
delay on side 1
See Figure 7-2;
R1 = 1430 Ω, C1 = 40 pF
R2 = 143 Ω, C2 = 400 pF
0.4 V to 0.3 × VCC1
110
180
ns
(1)
This parameter does not apply to the ISO1541 SCL1 line as it is unidirectional.
ISO1540, ISO1541
SLLSEB6F – JULY 2012 – REVISED DECEMBER 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ISO1540 ISO1541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com