Electronic Components Datasheet Search
  English  ▼

X  

ISO154X Datasheet(PDF) 3 Page - Texas Instruments

Part # ISO154X
Description  ISO154x Low-Power Bidirectional I2C Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO154X Datasheet(HTML) 3 Page - Texas Instruments

  ISO154X Datasheet HTML 1Page - Texas Instruments ISO154X Datasheet HTML 2Page - Texas Instruments ISO154X Datasheet HTML 3Page - Texas Instruments ISO154X Datasheet HTML 4Page - Texas Instruments ISO154X Datasheet HTML 5Page - Texas Instruments ISO154X Datasheet HTML 6Page - Texas Instruments ISO154X Datasheet HTML 7Page - Texas Instruments ISO154X Datasheet HTML 8Page - Texas Instruments ISO154X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Changes from Revision B (May 2013) to Revision C (June 2015)
Page
• Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device
Functional Modes, Application and Implementation section, Power Supply Recommendations section, Layout
section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable Information
section ............................................................................................................................................................... 1
• VDE Standard changed to DIN V VDE V 0884-10 (VDE V 0884-10): 2006-12 .................................................1
• Changed minimum air gap (Clearance) parameter, L(I01), to external clearance, CLR, and minimum external
tracking (creepage) parameter, L(I02), to external creepage............................................................................. 8
• Changed values and test conditions in the Insulation Specifications table.........................................................8
• Changed the descriptions of VDE and CSA information ................................................................................... 9
Changes from Revision A (October 2012) to Revision B (May 2013)
Page
• Change Safety Feature From: (VDE 0884 Part 2) (Pending) To: (VDE 0884 Part 2) (Approved)...................... 1
• Changed, VDE column From: File number: 40016131 (pending) To: File number: 40016131...........................9
Changes from Revision * (July 2012) to Revision A (October 2012)
Page
• Changed From: CSA Component Acceptance Notice 5A (Pending) To: CSA Component Acceptance Notice
5A (Approved).....................................................................................................................................................1
• Changed From: IEC 60950-1 and IEC 61010-1 End Equipment Standards (Pending) To: IEC 60950-1 and
IEC 61010-1 End Equipment Standards (Approved)..........................................................................................1
• Changed Section 6.7, CSA column From: File number: 220991 (pending) To: File number: 220991................9
www.ti.com
ISO1540, ISO1541
SLLSEB6F – JULY 2012 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: ISO1540 ISO1541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com