Electronic Components Datasheet Search
  English  ▼

X  

ISO154X Datasheet(PDF) 11 Page - Texas Instruments

Part # ISO154X
Description  ISO154x Low-Power Bidirectional I2C Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO154X Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISO154X Datasheet HTML 7Page - Texas Instruments ISO154X Datasheet HTML 8Page - Texas Instruments ISO154X Datasheet HTML 9Page - Texas Instruments ISO154X Datasheet HTML 10Page - Texas Instruments ISO154X Datasheet HTML 11Page - Texas Instruments ISO154X Datasheet HTML 12Page - Texas Instruments ISO154X Datasheet HTML 13Page - Texas Instruments ISO154X Datasheet HTML 14Page - Texas Instruments ISO154X Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
6.10 Supply Current Characteristics
over recommended operating conditions, unless otherwise noted. For more information, see Figure 7-1.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
3 V ≤ VCC1, VCC2 ≤ 3.6 V
ICC1
Supply current, side 1
ISO1540
VSDA1, VSCL1 = GND1; VSDA2, VSCL2 = GND2;
R1, R2 = Open; C1, C2 = Open
2.4
7.1
mA
VSDA1, VSCL1 = VCC1; VSDA2, VSCL2 = VCC2;
R1, R2 = Open; C1, C2 = Open
2.5
4
ISO1541
VSDA1, VSCL1 = GND1; VSDA2, VSCL2 = GND2;
R1, R2 = Open; C1, C2 = Open
2.1
6.1
VSDA1, VSCL1 = VCC1; VSDA2, VSCL2 = VCC2;
R1, R2 = Open; C1, C2 = Open
2.3
3.6
ICC2
Supply current, side 2
ISO1540 and
ISO1541
VSDA1, VSCL1 = GND1; VSDA2, VSCL2 = GND2;
R1, R2 = Open; C1, C2 = Open
1.7
6.7
mA
VSDA1, VSCL1 = VCC1; VSDA2, VSCL2 = VCC2;
R1, R2 = Open; C1, C2 = Open
1.9
3.5
4.5 V ≤ VCC1, VCC2 ≤ 5.5 V
ICC1
Supply current, side 1
ISO1540
VSDA1, VSCL1 = GND1; VSDA2, VSCL2 = GND2;
R1,R2 = Open; C1,C2 = Open
3.1
7.2
mA
VSDA1, VSCL1 = VCC1; VSDA2, VSCL2 = VCC2;
R1, R2 = Open; C1, C2 = Open
3.1
4.7
ISO1541
VSDA1, VSCL1 = GND1; VSDA2, VSCL2 = GND2;
R1, R2 = Open; C1, C2 = Open
2.8
6.2
VSDA1, VSCL1 = VCC1; VSDA2, VSCL2 = VCC2;
R1, R2 = Open; C1, C2 = Open
2.9
4.5
ICC2
Supply current, side 2
ISO1540 and
ISO1541
VSDA1, VSCL1 = GND1; VSDA2, VSCL2 = GND2;
R1, R2 = Open; C1, C2 = Open
2.3
6.8
mA
VSDA1, VSCL1 = VCC1; VSDA2, VSCL2 = VCC2;
R1, R2 = Open; C1, C2 = Open
2.5
4
6.11 Timing Requirements
MIN
NOM
MAX
UNIT
tUVLO
Time to recover from UVLO
2.7 V to 0.9 V; See Figure 7-4
30
50
151
µs
www.ti.com
ISO1540, ISO1541
SLLSEB6F – JULY 2012 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: ISO1540 ISO1541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com