Electronic Components Datasheet Search
  English  ▼

X  

ISO154X Datasheet(PDF) 20 Page - Texas Instruments

Part # ISO154X
Description  ISO154x Low-Power Bidirectional I2C Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO154X Datasheet(HTML) 20 Page - Texas Instruments

Back Button ISO154X Datasheet HTML 16Page - Texas Instruments ISO154X Datasheet HTML 17Page - Texas Instruments ISO154X Datasheet HTML 18Page - Texas Instruments ISO154X Datasheet HTML 19Page - Texas Instruments ISO154X Datasheet HTML 20Page - Texas Instruments ISO154X Datasheet HTML 21Page - Texas Instruments ISO154X Datasheet HTML 22Page - Texas Instruments ISO154X Datasheet HTML 23Page - Texas Instruments ISO154X Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
SDA2
SCL1
SCL2
GND2
GND1
VCC2
VCC1
SDA1
VREF
Figure 7-2. ISO1541 Block Diagram
7.3 Feature Description
The device enables a complete isolated I2C interface to be implemented within a small form factor having the
features listed in Table 7-1.
Table 7-1. Features List
PART NUMBER
CHANNEL DIRECTION
RATED ISOLATION(1)
MAXIMUM FREQUENCY
ISO1540
Bidirectional (SCL)
Bidirectional (SDA)
2500 VRMS
4242 VPK
1 MHz
ISO1541
Unidirectional (SCL)
Bidirectional (SDA)
(1)
See Section 6.7 for detailed Isolation specifications.
7.4 Isolator Functional Principle
To isolate a bidirectional signal path (SDA or SCL), the ISO1540 internally splits a bidirectional line into two
unidirectional signal lines, each of which is isolated through a single-channel digital isolator. Each channel output
is made open-drain to comply with the open-drain technology of I2C. Side 1 of the ISO1540 connects to a
low-capacitance I2C node, while side 2 is designed for connecting to a fully loaded I2C bus with up to 400 pF of
capacitance.
V
C-out
40 mV
50 mV
V
SDA1
V
OL1
V
IHT1
V
ILT1
R
PU1
C
node
V
CC1
SDA1
GND1
R
PU2
C
bus
V
CC2
SDA2
GND2
A
B
D
C
VREF
ISO1540
Figure 7-3. SDA Channel Design and Voltage Levels at SDA1
At first sight, the arrangement of the internal buffers suggests a closed signal loop that is prone to latch-up.
However, this loop is broken by implementing an output buffer (B) whose output low-level is raised by a diode
drop to approximately 0.75 V, and the input buffer (C) that consists of a comparator with defined hysteresis.
ISO1540, ISO1541
SLLSEB6F – JULY 2012 – REVISED DECEMBER 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ISO1540 ISO1541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com