Electronic Components Datasheet Search
  English  ▼

X  

LM50 Datasheet(PDF) 17 Page - Texas Instruments

Part # LM50
Description  LM50 Industry-Standard, Analog Centigrade (10mV/°C) Temperature Sensor in SOT-23 Package
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM50 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM50 Datasheet HTML 13Page - Texas Instruments LM50 Datasheet HTML 14Page - Texas Instruments LM50 Datasheet HTML 15Page - Texas Instruments LM50 Datasheet HTML 16Page - Texas Instruments LM50 Datasheet HTML 17Page - Texas Instruments LM50 Datasheet HTML 18Page - Texas Instruments LM50 Datasheet HTML 19Page - Texas Instruments LM50 Datasheet HTML 20Page - Texas Instruments LM50 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
2
1
1
2
3
0.5"
Figure 8-10. Printed-Circuit Board Used to Generate Thermal Response Curves (New Test Setup for Both
New Chip and Legacy Chip)
8.5.3 Thermal Considerations
Table 8-2 summarizes the thermal resistance of the LM50 for different conditions.
Table 8-2. Temperature Rise of LM50 Due to Self-Heating
RθJA (°C/W)
SOT-23
No heat sink(1)
Still air
(Legacy chip)
291.9
Moving air
(Legacy chip)
-
Small heat fin(2)
Still air
(Legacy chip)
260
Moving air
(Legacy chip)
180
(1)
Part soldered to 30 gauge wire.
(2)
Heat sink used is 0.5inch, square printed-circuit board with 2oz foil; part attached as shown in Figure 8-9.
www.ti.com
LM50
SNIS118H – JULY 1999 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LM50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com