Electronic Components Datasheet Search
  English  ▼

X  

LM50 Datasheet(PDF) 19 Page - Texas Instruments

Part # LM50
Description  LM50 Industry-Standard, Analog Centigrade (10mV/°C) Temperature Sensor in SOT-23 Package
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM50 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM50 Datasheet HTML 15Page - Texas Instruments LM50 Datasheet HTML 16Page - Texas Instruments LM50 Datasheet HTML 17Page - Texas Instruments LM50 Datasheet HTML 18Page - Texas Instruments LM50 Datasheet HTML 19Page - Texas Instruments LM50 Datasheet HTML 20Page - Texas Instruments LM50 Datasheet HTML 21Page - Texas Instruments LM50 Datasheet HTML 22Page - Texas Instruments LM50 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
• Changed the specified temperature range for LM50B from -25°C to 100°C (in the legacy chip) to -40°C to
125°C (in the new chip)...................................................................................................................................... 5
• Added DBZ package “Thermal Information” for the New chip............................................................................5
• Added “Turn-on Time” for both Legacy chip and New chip................................................................................ 6
• Added “Operating current” and “Change of quiescent current” for the New chip............................................... 6
• Updated the Design Parameters table to correct typos....................................................................................12
Changes from Revision F (December 2016) to Revision G (January 2017)
Page
• Changed LMT90 to LM50 in VO description of Equation 1 .............................................................................. 11
Changes from Revision E (September 2013) to Revision F (December 2016)
Page
• Added Device Information table, Pin Configuration and Functions section, ESD Ratings table, Detailed
Description section, Application and Implementation section, Power Supply Recommendations section,
Layout section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable
Information section ............................................................................................................................................ 1
• Deleted the Temperature To Digital Converter (Parallel TRI-STATE Outputs for Standard Data Bus to µP
Interface) (125°C Full Scale) figure.................................................................................................................. 14
Changes from Revision C (February 2013) to Revision E (September 2013)
Page
• Added LM50-Q1 option throughout document................................................................................................... 1
11 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
www.ti.com
LM50
SNIS118H – JULY 1999 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: LM50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com