Electronic Components Datasheet Search
  English  ▼

X  

LM50 Datasheet(PDF) 14 Page - Texas Instruments

Part # LM50
Description  LM50 Industry-Standard, Analog Centigrade (10mV/°C) Temperature Sensor in SOT-23 Package
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM50 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM50 Datasheet HTML 10Page - Texas Instruments LM50 Datasheet HTML 11Page - Texas Instruments LM50 Datasheet HTML 12Page - Texas Instruments LM50 Datasheet HTML 13Page - Texas Instruments LM50 Datasheet HTML 14Page - Texas Instruments LM50 Datasheet HTML 15Page - Texas Instruments LM50 Datasheet HTML 16Page - Texas Instruments LM50 Datasheet HTML 17Page - Texas Instruments LM50 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
8.3 System Examples
Figure 8-5 to Figure 8-7 show application circuit examples using the LM50 device. Customers must fully validate
and test any circuit before implementing a design based on an example in this section. Unless otherwise noted,
the design procedures in Full-Range Centigrade Temperature Sensor are applicable.
LM50/
LM50-Q1
U3
0.1 µF
R2
R1
VT
R3
VOUT
U1
+
-
4.1 V
R4
V+
LM7101
VTemp
V+
U2
LM4040
Copyright © 2016, Texas Instruments Incorporated
Figure 8-5. Centigrade Thermostat or Fan Controller
LM50/
LM50-Q1
ADC08031
LM4041-
ADJ
GND
OUT
100 k
FB
10 k
1 µF
+
-
1.750 V
REF
IN
3.9 k
+
Serial
Data Output
5 V
CLOCK
GND
ENABLE
+
Copyright © 2016, Texas Instruments Incorporated
125°C full scale
Figure 8-6. Temperature To Digital Converter (Serial Output)
LM50
SNIS118H – JULY 1999 – REVISED MAY 2025
www.ti.com
14
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com