Electronic Components Datasheet Search
  English  ▼

X  

LM50 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM50
Description  LM50 Industry-Standard, Analog Centigrade (10mV/°C) Temperature Sensor in SOT-23 Package
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM50 Datasheet(HTML) 1 Page - Texas Instruments

  LM50 Datasheet HTML 1Page - Texas Instruments LM50 Datasheet HTML 2Page - Texas Instruments LM50 Datasheet HTML 3Page - Texas Instruments LM50 Datasheet HTML 4Page - Texas Instruments LM50 Datasheet HTML 5Page - Texas Instruments LM50 Datasheet HTML 6Page - Texas Instruments LM50 Datasheet HTML 7Page - Texas Instruments LM50 Datasheet HTML 8Page - Texas Instruments LM50 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
LM50 Industry-Standard, Analog Centigrade (10mV/°C) Temperature Sensor in SOT-23
Package
1 Features
• Industry-Standard Sensor Gain/Offset:
– 10mV/°C, 500mV at 0°C
• LM50B Temperature Accuracy:
– ±2°C (Max) at 25°C
– ±3°C (Max) over temperature range
• LM50C Temperature Accuracy:
– ±3°C (Max) at 25°C
– ±4°C (Max) over temperature range
• Operating supply range: 4.5V to 10V
• Quiescent Current (Typ): 95μA
• Available in Standard SOT23-3 package
• Nonlinearity: ±0.8°C (Max)
• DC Output Impedance: 2kΩ/4kΩ (typ/Max)
– Enables driving large capacitive loads
• UL Recognized Component
2 Applications
• Mobile phones, PC & notebooks
• Data storage
• Battery Management
• Home and Multifunction printers
• Medical and healthcare Instruments
• HVAC System
• Power Supply Modules
3 Description
The LM50 device is a precision analog temperature
sensor that can measure temperatures from -40°C
to 125°C using a single positive supply. The output
voltage of the device is linearly proportional to
temperature (10mV/°C) and has a DC offset of
500mV at 0°C. The offset allows reading negative
temperatures without the need for a negative supply.
The output voltage of the LM50 ranges from 100mV
(at –40°C) to 1.75V (at 125°C), simplifying analog-to-
digital converter (ADC) interfacing.
Unlike NTC thermistors, LM50 does not require any
external calibration, trimming or software linearization
leading to simplifying the circuitry requirements in
a single supply environment. Due to low quiescent
current of LM50 (typically around 95µA), self-heating
is limited to a very low 0.2°C (in still air) and the
device is designed for remote or battery-powered
applications. Trimming and calibration of the LM50 at
the wafer level provide long-term availability, low cost
and consistent accuracy in two grades: LM50B (±2°C
at 25°C, ±3°C over temperature range) and LM50C
(±3°C at 25°C, ±4°C over temperature range).
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
LM50
DBZ (SOT-23, 3)
2.37mm × 2.92mm
(1)
For more information, see Section 11.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
GND
VO
+VS
Thermal Diodes
2k
+
–
MSPM0
MCU
ADC
CLoad
GND
VCC
VCC
CBypass
LM50
LM50-Q1
Simplified Schematic
DUT Te mperature (C)
-50
-25
0
25
50
75
100
125
150
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
1.75
0.75
0.1
VO = (+10 mV/°C × T °C) + 500 mV
Full-Range Centigrade Temperature Sensor (–40°C
to 125°C)
LM50
SNIS118H – JULY 1999 – REVISED MAY 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM50

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM50 NSC-LM50 Datasheet
176Kb / 7P
SOT-23 Single-Supply Centigrade Temperature Sensor
LM50 NSC-LM50 Datasheet
603Kb / 9P
SOT-23 Single-Supply Centigrade Temperature Sensor
logo
Texas Instruments
LM50 TI1-LM50 Datasheet
853Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50 TI-LM50 Datasheet
829Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50 TI-LM50 Datasheet
829Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
More results

Similar Description - LM50

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM50 NSC-LM50 Datasheet
176Kb / 7P
SOT-23 Single-Supply Centigrade Temperature Sensor
LM50B NSC-LM50B Datasheet
165Kb / 8P
SOT-23 Single-Supply Centigrade Temperature Sensor
LM50 NSC-LM50_06 Datasheet
603Kb / 9P
SOT-23 Single-Supply Centigrade Temperature Sensor
logo
Texas Instruments
LM50-Q1 TI1-LM50-Q1 Datasheet
853Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50BIM3X TI-LM50BIM3X Datasheet
829Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50CIM3 TI-LM50CIM3 Datasheet
829Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
logo
International Rectifier
IRLML6244PBF IRF-IRLML6244PBF_15 Datasheet
202Kb / 10P
Industry-standard SOT-23 Package
IRLML6246PBF IRF-IRLML6246PBF_15 Datasheet
214Kb / 10P
Industry-standard SOT-23 Package
IRLML6344PBF IRF-IRLML6344PBF_15 Datasheet
210Kb / 10P
Industry-standard SOT-23 Package
logo
Texas Instruments
LM50 TI-LM50_15 Datasheet
830Kb / 15P
SOT-23 Single-Supply Centigrade Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com