Electronic Components Datasheet Search
  English  ▼

X  

LM50 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM50
Description  LM50 Industry-Standard, Analog Centigrade (10mV/°C) Temperature Sensor in SOT-23 Package
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM50 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM50 Datasheet HTML 8Page - Texas Instruments LM50 Datasheet HTML 9Page - Texas Instruments LM50 Datasheet HTML 10Page - Texas Instruments LM50 Datasheet HTML 11Page - Texas Instruments LM50 Datasheet HTML 12Page - Texas Instruments LM50 Datasheet HTML 13Page - Texas Instruments LM50 Datasheet HTML 14Page - Texas Instruments LM50 Datasheet HTML 15Page - Texas Instruments LM50 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The LM50 has a wide supply range and a 10mV/°C output slope with a 500mV DC offset. Therefore, the device
can be easily placed in many temperature-sensing applications where a single supply is required for positive and
negative temperatures.
8.2 Typical Application
8.2.1 Full-Range Centigrade Temperature Sensor
LM50
LM50-Q1
+VS
(4.5 V to 10 V)
Output
Copyright © 2016, Texas Instruments Incorporated
Figure 8-1. Full-Range Centigrade Temperature Sensor Diagram (–40°C to 125°C)
8.2.1.1 Design Requirements
For this design example, use the parameters listed in Table 8-1 as the input parameters.
Table 8-1. Design Parameters
PARAMETER
VALUE
Power supply voltage
4.5V to 10V
Output impedance
4kΩ (maximum)
Accuracy at 25°C
±2°C/±3°C (maximum)
Accuracy over –40°C to 125°C
±3°C/±4°C (maximum)
Temperature slope
10mV/°C
8.2.1.2 Detailed Design Procedure
The LM50 is a simple temperature sensor that provides an analog output. Therefore design requirements related
to layout are more important than other requirements. See Layout for more information.
8.2.1.2.1 Capacitive Loads
The LM50 handles capacitive loading very well. Without any special precautions, the LM50 can drive any
capacitive load. The device has a nominal 2kΩ output impedance (shown in Functional Block Diagram).
The temperature coefficient of the output resistors is approximately 1300ppm/°C. Taking into account this
temperature coefficient and the initial tolerance of the resistors the output impedance of the device does not
exceed 4kΩ. In an extremely noisy environment adding filtering can be necessary to minimize noise pickup. TI
recommends adding a 0.1µF capacitor between +VS and GND to bypass the power supply voltage, as shown in
Figure 8-3. Adding a capacitor from VO to ground can be necessary. A 1µF output capacitor with the 4kΩ output
LM50
SNIS118H – JULY 1999 – REVISED MAY 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com