Electronic Components Datasheet Search
  English  ▼

X  

LM50 Datasheet(PDF) 15 Page - Texas Instruments

Part # LM50
Description  LM50 Industry-Standard, Analog Centigrade (10mV/°C) Temperature Sensor in SOT-23 Package
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM50 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM50 Datasheet HTML 11Page - Texas Instruments LM50 Datasheet HTML 12Page - Texas Instruments LM50 Datasheet HTML 13Page - Texas Instruments LM50 Datasheet HTML 14Page - Texas Instruments LM50 Datasheet HTML 15Page - Texas Instruments LM50 Datasheet HTML 16Page - Texas Instruments LM50 Datasheet HTML 17Page - Texas Instruments LM50 Datasheet HTML 18Page - Texas Instruments LM50 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
LM50/
LM50-Q1
LM131
+
0.01 µF
3
5
4
2
1
6
7
1 µF
12 K
5 k
0.01 µF
100 K
GND
6 V
6.8 K
1 K
4N28
8
fOUT
100 K
47
FULL
SCALE
ADJ
Copyright © 2016, Texas Instruments Incorporated
–40°C to 125°C; 100Hz to 1750Hz
Figure 8-7. LM50 With Voltage-To-Frequency Converter and Isolated Output
8.4 Power Supply Recommendations
In an extremely noisy environment, adding some filtering to minimize noise pickup can be necessary. TI
recommends that a 0.1µF capacitor be added from +VS to GND to bypass the power supply voltage, as shown in
Figure 8-3.
8.5 Layout
8.5.1 Layout Guidelines
The LM50 can be applied easily in the same way as other integrated-circuit temperature sensors. The device
can be glued or cemented to a surface and the temperature is within about 0.2°C of the surface temperature.
This presumes that the ambient air temperature is approximately the same as the surface temperature; if the air
temperature are much higher or lower than the surface temperature, the actual temperature of the LM50 die is at
an intermediate temperature between the surface temperature and the air temperature.
To provide good thermal conductivity, the backside of the LM50 die is directly attached to the GND pin. The
lands and traces to the device is part of the printed-circuit board, which is the object whose temperature is being
measured. These printed-circuit board lands and traces do not cause the LM50 temperature to deviate from the
desired temperature.
Alternatively, the LM50 can be mounted inside a sealed-end metal tube, and can then be dipped into a bath or
screwed into a threaded hole in a tank. As with any device, the LM50 and accompanying wiring and circuits must
be kept insulated and dry, to avoid leakage and corrosion. This is especially true if the circuit can operate at cold
www.ti.com
LM50
SNIS118H – JULY 1999 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: LM50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com