Electronic Components Datasheet Search
  English  ▼

X  

LM5032 Datasheet(PDF) 16 Page - Texas Instruments

Part # LM5032
Description  LM5032 High-Voltage Dual Interleaved Current Mode Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5032 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM5032 Datasheet HTML 12Page - Texas Instruments LM5032 Datasheet HTML 13Page - Texas Instruments LM5032 Datasheet HTML 14Page - Texas Instruments LM5032 Datasheet HTML 15Page - Texas Instruments LM5032 Datasheet HTML 16Page - Texas Instruments LM5032 Datasheet HTML 17Page - Texas Instruments LM5032 Datasheet HTML 18Page - Texas Instruments LM5032 Datasheet HTML 19Page - Texas Instruments LM5032 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
RES
SS1
and
SS2
OUT1
0V
2.55V
5.0V
t1
t2
t3
Current Limit Detected at
CS1 and/or CS2
OUT2
50 2A
1 2A
1.5V
LM5032
SNVS344B – MARCH 2005 – REVISED DECEMBER 2014
www.ti.com
Feature Description (continued)
Figure 17. Current Limit Restart Timing
7.3.8 Soft-Start
Each soft-start circuit allows the corresponding regulator to gradually reach a steady state operating point,
thereby reducing startup current surges and output overshoot. Upon turn-on, both SS pins are internally held at
ground. When VCC increases past its under-voltage threshold (UVT), the SS pins are released and internal 50
µA current sources charge the external capacitors. The voltage at each COMP pin follows the SS pin, and when
COMP reaches
≊1.5V, the output pulses commence at a low duty cycle. The voltage at the SS pins continues to
increase and saturates at
≊5.0V, The voltage at each COMP pin increases to the value required for regulation
where it is controlled by its voltage feedback loop (see Figure 1).
If the internal Drivers Off line is activated (see Drivers Off, VCC Disable), both SS pins are internally grounded.
The SS pins pull the COMP pins to ground while the Driver Off signal disables the output drivers. When the
event which activated the Drivers Off line is cleared and Vcc exceeds its under-voltage threshold, the SS pins
are released. The internal 50 µA current sources then charge the external soft-start capacitors allowing each
regulator’s output duty cycle to increase.
If the Current Limit Restart threshold is reached due to repeated over-current detections, both SS pins (and the
COMP pins) are pulled to ground. The output drivers are disabled, and the 50 µA SS pin current sources are
reduced to 1 µA. After a short propagation delay the SS pins and the COMP pins are released, and the external
capacitors are charged up at a slow rate. When the COMP voltage reaches
≊ 1.5V, the output drivers are
enabled, and the current sources at the SS pins are increased to 50 µA. The output duty cycle then increases to
the value required for regulation.
To shutdown one regulator without affecting the other, ground the appropriate SS pin. This forces the COMP pin
to ground, reducing the output duty cycle to zero for that regulator. Releasing the SS pin allows normal operation
to resume.
7.3.9 Output Duty Cycle
The output driver’s duty cycle for each controller is normally controlled by comparing the voltage provided to the
COMP input by the external voltage feedback circuit with the current information at the CS pin. However, the
maximum duty cycle during transient or fault conditions may be intentionally limited by two other circuits, both of
which are common to the two controller channels.
User Defined Maximum Duty Cycle. The maximum allowed duty cycle can be set with the RDCL resistor
connected from the DCL pin to GND1, according to the following equation:
Maximum User Duty Cycle = 80% x RDCL/RT
(2)
RT is the oscillator frequency programming resistor connected to the RT/SYNC pin. The value of the RDCL resistor
must be calculated after the RT resistor is selected. See Figure 8. Referring to the block diagram of the voltage at
the DCL pin is compared to the Ramp1 and Ramp2 signals, creating the UserMaxDC1 and UserMaxDC2 timing
signals. These signal are provided to the two 4-input AND gates to limit the PWM duty cycle of both channels.
16
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: LM5032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com