Electronic Components Datasheet Search
  English  ▼

X  

LM5032 Datasheet(PDF) 25 Page - Texas Instruments

Part # LM5032
Description  LM5032 High-Voltage Dual Interleaved Current Mode Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5032 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM5032 Datasheet HTML 21Page - Texas Instruments LM5032 Datasheet HTML 22Page - Texas Instruments LM5032 Datasheet HTML 23Page - Texas Instruments LM5032 Datasheet HTML 24Page - Texas Instruments LM5032 Datasheet HTML 25Page - Texas Instruments LM5032 Datasheet HTML 26Page - Texas Instruments LM5032 Datasheet HTML 27Page - Texas Instruments LM5032 Datasheet HTML 28Page - Texas Instruments LM5032 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
in(on)
UVLO
R6 R8
17.4
2
V
V
1.25
12.125V
R8
2
+
+
=
´
=
´
=
2
2
2
2
max
SW(rms)
L(pk pk)
peak
peak
L(pk pk)
D
0.637
I
I
3 I
3 I
I
5.51
3 8.26
3 8.26 5.51
4.57A
3
3
-
-
=
´ D
+ ´
- ´
´ D
=
´
+ ´
- ´
´
=
[
]
OUT(max)
min
OUT
L(peak)
SW
OUT
I
(1 D
)
4 (1 0.077)
V
I
ESR
8.26 0.08
711mV
2 f
C
2 123k 300
´ -
é
ù
é
ù
´ -
é
ù
D
=
+
´
=
+
´
=
ê
ú
ê
ú
ë
û
´
´
´
´
m
ë
û
ë
û
IN(min)
SW(on)
max
min
SW
L(pk pk)
(V
V
D
(18 0.5) 0.637
L
16.4 H
f
I
123kHz 5.51
-
-
´
-
´
=
=
=
m
´ D
´
L(pk pk)
L(peak)
L(avg)
I
I
I
8.26A
2
-
D
=
+
=
L(pk pk)
L(avg)
I
I
5.51A
-
D
=
=
out
L(avg)
max
50% I
0.5 4
5.51A
1 D
1 0.637
´
´
=
=
=
-
-
OUT
d
IN(max)
min
OUT
d
sw(on)
V
V
V
48
0.7
45
D
7.7%
V
V
V
48
0.7 0.5
+
-
+
-
=
=
=
+
-
+
-
OUT
d
IN(MIN)
max
OUT
d
sw(on)
V
V
V
48
0.7 18
D
63.7%
V
V
V
48
0.7 0.5
+
-
+
-
=
=
=
+
-
+
-
LM5032
www.ti.com
SNVS344B – MARCH 2005 – REVISED DECEMBER 2014
(13)
(14)
The highest average inductor current in each phase is calculated at highest load and minimum input voltage,
where each phase is assumed to carry 50% of the total load current:
(15)
Allowing the peak-to-peak inductor current ripple to be 100% of the average:
(16)
And the peak inductor current IL(peak) will be:
(17)
Knowing the switching frequency, maximum duty cycle and target peak-peak ripple current, the required
inductance can be calculated:
(18)
Off-the-shelf available inductors of 15 µH were used, resulting in slightly higher peak-peak inductor ripple current,
and slightly higher inductor peak current.
8.2.2.2.2
Output Capacitor Selection
The output ripple across the boost output capacitor can be approximated from the following equation, where
COUT is the value of output capacitance, and ESR is the equivalent-series-resistance of the output capacitance.
For this design, the chosen electrolytic output capacitors are 150
μF with 160-mΩ ESR, so the net capacitance is
300
μF and net ESR is 80 mΩ.
(19)
This meets the target 2% specification. However, the extra ceramic output capacitors will also absorb a
significant percentage of the switching frequency ripple, so the resulting output peak-to-peak ripple voltage
should be lower than the value calculated above, and should be comfortably less than the 2% specification.
8.2.2.2.3
Boost MOSFET Selection
The boost MOSFET should be rated for at least the rated output voltage plus some margin for voltage ringing. A
60-V device was selected. Since the boost inductor value was chosen to achieve peak-to-peak ripple current
equal to 100% of the average current, the RMS MOSFET current at maximum load and minimum Vin is:
(20)
The chosen 60-V rated MOSFET SUD50N06-9L has 9.3-m
Ω Rds(on), resulting in approximately 200-mW
conduction loss.
8.2.2.2.4
Boost Diode Selection
The boost diode must have a reverse voltage rating of at least VOUT, plus some margin for ringing. Thus a 60-V
rated part was selected. Since fast reverse recovery is important, a Schottky device can be used at this voltage
rating. A common-cathode dual-diode MBR1560 was selected, with each diode connected to one or other of the
interleaved phases.
8.2.2.3 UVLO Setting
To ensure start-up below the required minimum system input voltage of 18 V, the UVLO divider resistors R6 and
R8 are set to 17.4 k
Ω and 2 kΩ, respectively. This sets the input UVLO turn-on level to:
(21)
Copyright © 2005–2014, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LM5032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com