Electronic Components Datasheet Search
  English  ▼

X  

LM5032 Datasheet(PDF) 18 Page - Texas Instruments

Part # LM5032
Description  LM5032 High-Voltage Dual Interleaved Current Mode Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5032 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM5032 Datasheet HTML 14Page - Texas Instruments LM5032 Datasheet HTML 15Page - Texas Instruments LM5032 Datasheet HTML 16Page - Texas Instruments LM5032 Datasheet HTML 17Page - Texas Instruments LM5032 Datasheet HTML 18Page - Texas Instruments LM5032 Datasheet HTML 19Page - Texas Instruments LM5032 Datasheet HTML 20Page - Texas Instruments LM5032 Datasheet HTML 21Page - Texas Instruments LM5032 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
VPWR
VIN
VCC
8V - 15V (from
power stage)
C1
LM5032
9V
0.1
0.1 2F
50
LM5032
VIN
VPWR
LM5032
SNVS344B – MARCH 2005 – REVISED DECEMBER 2014
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
8.1.1 VIN
The voltage applied to the VIN pin, normally the same as the system voltage applied to the power transformer’s
primary (VPWR), can vary in the range of 13 to 100V with transient capability to 105V. The current into VIN
depends primarily on the output driver capacitive loads, the switching frequency, and any external load at VCC. If
the power dissipation associated with the VIN current exceeds the package capability, an external voltage should
be applied to VCC (see Figure 2 & Figure 3) to reduce power in the internal start-up regulator. It is recommended
the circuit of Figure 19 be used to suppress transients which may occur at the input supply, in particular where
VIN is operated close to the maximum operating rating of the LM5032.
When all internal bias currents for the LM5032 and output driver currents are supplied through VIN and the
internal VCC regulator, the required input current (IIN) is shown in Figure 2 & Figure 3. In most applications, upon
turn-on, IIN increases with VIN as shown in Figure 2 until the UVLO threshold is reached. After the outputs are
enabled and the external VCC supply voltage is active, the current into VIN then drops to a nominal 120 µA.
Figure 19. Input Transient Protection
8.1.2 For Applications > 100 V
For applications where the system input voltage (VPWR) exceeds 100V, VIN can be powered from an external
start-up regulator as shown in Figure 20, or from any other low voltage source as shown in Figure 21.
Connecting VIN and VCC together allows the LM5032 to be operated with VIN below 13V. The voltage at VCC
must not exceed 15V. The voltage source at the right side of Figure 20 is typically derived from the power stage,
and becomes active once the LM5032’s outputs are active.
Figure 20. Start-up Regulator for VPWR >100V
18
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: LM5032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com