Electronic Components Datasheet Search
  English  ▼

X  

LM5032 Datasheet(PDF) 24 Page - Texas Instruments

Part # LM5032
Description  LM5032 High-Voltage Dual Interleaved Current Mode Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5032 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM5032 Datasheet HTML 20Page - Texas Instruments LM5032 Datasheet HTML 21Page - Texas Instruments LM5032 Datasheet HTML 22Page - Texas Instruments LM5032 Datasheet HTML 23Page - Texas Instruments LM5032 Datasheet HTML 24Page - Texas Instruments LM5032 Datasheet HTML 25Page - Texas Instruments LM5032 Datasheet HTML 26Page - Texas Instruments LM5032 Datasheet HTML 27Page - Texas Instruments LM5032 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
T
osc
osc
17100
17100
R
0.001 (F
400)
0.001 (246
400)
69.67k
F
246
=
-
´
-
=
-
´
-
=
W
LM5032
SNVS344B – MARCH 2005 – REVISED DECEMBER 2014
www.ti.com
Typical Application (continued)
Figure 29. Evaluation Module Schematic
8.2.1 Design Requirements
DESIGN PARAMETERS
VALUE
Input voltage range, VIN
18 V to 45 V
Output voltage, VOUT
48 V
Output current, IOUT
4 A
Output ripple voltage, VRIPPLE(OUT)
< 2% (960 mVpp)
Switching frequency, FSW (per
123 kHz
phase)
8.2.2 Detailed Design Procedure
8.2.2.1 Oscillator Frequency and Maximum Duty Cycle
The LM5032 oscillator frequency should be set at twice the target switching frequency of each interleaved power
stage, for example, Fosc = 2 x Fsw.
From Equation 1, the required value of resistor on the RT pin (R9 in Figure 29) is calculated as follows:
(12)
The nearest E96 value of 69.8 k
Ω is used.
The maximum duty cycle is set to 80% (see the Output Duty Cycle section) by choosing the same value resistor
on the DCL pin, so R30 is also set to 69.8 k
Ω.
8.2.2.2 Power Stage Design
8.2.2.2.1
Boost Inductor Selection
Maximum and minimum operating duty cycles are calculated at maximum and minimum input voltage, where Vd
is the boost diode forward voltage drop, and Vsw(on) is the voltage drop across the boost MOSFET plus current
sense element:
24
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: LM5032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com