Electronic Components Datasheet Search
  English  ▼

X  

LM5032 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM5032
Description  LM5032 High-Voltage Dual Interleaved Current Mode Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5032 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5032 Datasheet HTML 5Page - Texas Instruments LM5032 Datasheet HTML 6Page - Texas Instruments LM5032 Datasheet HTML 7Page - Texas Instruments LM5032 Datasheet HTML 8Page - Texas Instruments LM5032 Datasheet HTML 9Page - Texas Instruments LM5032 Datasheet HTML 10Page - Texas Instruments LM5032 Datasheet HTML 11Page - Texas Instruments LM5032 Datasheet HTML 12Page - Texas Instruments LM5032 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
0.9
1.0
1.10
45
50
55
TEMPERATURE (
oC)
-50
0
50
100
150
|
|
490
492
494
496
498
500
502
504
506
508
510
-50
0
50
100
150
TEMPERATURE (
oC)
190
192
194
196
198
200
202
204
206
208
210
-50
0
50
100
150
RT = 42.2k
TEMPERATURE (
oC)
0
20
40
60
80
0
20
40
60
80
100
VOLTAGE AT VIN (V)
R1 = 150 k:
R2 = 10 k:
Figure 23
0
0.2
0.4
0.6
0.8
1.0
0
20
40
60
80
100
RDCL/RT
UVLO Pin = 1.26V
0
1.0
2.0
3.0
4.0
5.0
0
20
40
60
80
100
VOLTAGE AT UVLO PIN (V)
1.25V
LM5032
www.ti.com
SNVS344B – MARCH 2005 – REVISED DECEMBER 2014
Typical Characteristics (continued)
Figure 9. Maximum Duty Cycle vs. UVLO Voltage
Figure 8. User Defined Maximum Duty Cycle vs RDCL
Resistor
Figure 10. Maximum Duty Cycle vs. VIN (Figure 24)
Figure 11. Frequency vs. Temperature
Figure 12. Soft-Start Pin Current vs Temperature
Figure 13. Current Limit Threshold at CS1, CS2 vs
Temperature
Copyright © 2005–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM5032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com