Electronic Components Datasheet Search
  English  ▼

X  

LM5032 Datasheet(PDF) 22 Page - Texas Instruments

Part # LM5032
Description  LM5032 High-Voltage Dual Interleaved Current Mode Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5032 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM5032 Datasheet HTML 18Page - Texas Instruments LM5032 Datasheet HTML 19Page - Texas Instruments LM5032 Datasheet HTML 20Page - Texas Instruments LM5032 Datasheet HTML 21Page - Texas Instruments LM5032 Datasheet HTML 22Page - Texas Instruments LM5032 Datasheet HTML 23Page - Texas Instruments LM5032 Datasheet HTML 24Page - Texas Instruments LM5032 Datasheet HTML 25Page - Texas Instruments LM5032 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
t2 =
CSS x 1.5V
1 2A
= 1.5 x 10
6 x CSS
t1 =
CSS x 1.5V
50 2A
= 3 x 10
4 x C
SS
t3 =
CSS x 3.5V
50 2A
= 7 x 10
4 x C
SS
t2 =
CSS x 1.5V
1 2A
= 1.5 x 10
6 x CSS
LM5032
SNVS344B – MARCH 2005 – REVISED DECEMBER 2014
www.ti.com
Application Information (continued)
(8)
If CSS = 0.1 µF t2 is ≊150 ms. Time t3 is set by the internal 50 µA current source, and is equal to:
(9)
The time t2 provides a periodic dwell time for the converter in the event of a sustained overload or short circuit.
This results in lower average input current and lower power dissipated within the circuit components. It is
recommended that the ratio of t2/(t1 + t3) be in the range of 5 to 10 to make good use of this feature.
If the application requires no delay from the first detection of a current limit condition, so that t1 is effectively
zero, the RES pin can be left open (no external capacitor). If it is desired to disable the hiccup mode current limit
operation then the RES pin should be connected to ground.
8.1.9 Soft-Start
The capacitors at SS1 and SS2 determine the time required for each regulator’s output duty cycle to increase
from zero to its final value for regulation. The minimum acceptable time is dependent on the output capacitance
and the response of each feedback loop to the COMP pin. If the Soft-start time is too quick, the output could
significantly overshoot its intended voltage before the feedback loop has a chance to regulate the PWM
controller.
After power is applied and VCC has passed its upper UVT threshold (≊7.6V), the voltage at each SS pin ramps up
as its external capacitor is charged up by an internal 50 µA current source (see Figure 1). The voltage at the
COMP pins follow the SS pins. When both have reached
≊1.5V, PWM pulses appear at the driver outputs with
very low duty cycle. The voltage at each SS pin continues to increase to
≊5.0V. The voltage at each COMP pin,
and the PWM duty cycle, increase to the value required for regulation as determined by its feedback loop. The
time t1 in Figure 1 is calculated from:
(10)
With a 0.1 µF capacitor at SS, t1 is
≊3 ms.
If the Hiccup Mode Current Limit Restart circuit activates due to repeated current limit detections at CS1 and/or
CS2, both SS1 and SS2 are internally grounded (see the section on Hiccup Mode Current Limit Restart). After a
short propagation delay, the SS pins are released and the external SS pin capacitors are charged by internal 1
µA current sources. The slow charge rate provides a rest or dwell time for the converter power stage (t2 in
Figure 17), reducing the average input current and component temperature rise while in an overload condition.
When the voltage at the SS and COMP pins reach
≊1.5V, the first pulse out of either PWM comparator switches
the internal SS pin current sources to 50 µA. The voltages at the SS and COMP pins then increase more quickly,
increasing the duty cycle at the output drivers. The rest time t2 is the time required for SS to reach 1.5V:
(11)
With a 0.1 µF capacitor at SS, t2 is
≊150 ms.
Experimentation with the startup sequence and over-current restart condition is usually necessary to determine
the appropriate value for the SS capacitors.
To shutdown one regulator without affecting the other, ground the appropriate SS pin with an open collector or
open drain device as shown in Figure 27. The SS pin forces the COMP pin to ground which reduces the PWM
duty cycle to zero for that regulator. Releasing the SS pin allows normal operation to resume.
When the LM5032’s two controller channels are configured to provide a single high current output, SS1 and SS2
are typically connected together, requiring a single capacitor for the two pins.
22
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: LM5032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com