Electronic Components Datasheet Search
  English  ▼

X  

LMX2486 Datasheet(PDF) 21 Page - Texas Instruments

Part # LMX2486
Description  LMX2486 1-GHz to 4.5-GHz High-Performance Delta-Sigma Low-Power Dual PLLatinum™ Frequency Synthesizers With 3-GHz Integer PLL
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMX2486 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMX2486 Datasheet HTML 17Page - Texas Instruments LMX2486 Datasheet HTML 18Page - Texas Instruments LMX2486 Datasheet HTML 19Page - Texas Instruments LMX2486 Datasheet HTML 20Page - Texas Instruments LMX2486 Datasheet HTML 21Page - Texas Instruments LMX2486 Datasheet HTML 22Page - Texas Instruments LMX2486 Datasheet HTML 23Page - Texas Instruments LMX2486 Datasheet HTML 24Page - Texas Instruments LMX2486 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
NO
NO
NO
YES
YES
YES
Phase Error < H
LD = LOW
(Not Locked)
Phase Error < H
Phase Error < H
LD = HIGH
(Locked)
Phase Error < H
Phase Error > G
YES
NO
NO
YES
START
YES
Phase Error < H
NO
LMX2486
www.ti.com
SNAS324B – JANUARY 2006 – REVISED JANUARY 2016
Figure 22. Digital Lock Detect Flowchart
8.3.7 Cycle Slip Reduction and Fastlock
The LMX2486 offers both cycle slip reduction (CSR) and Fastlock with timeout counter support. This means that
it requires no additional programming overhead to use them. It is generally recommended that the charge pump
current in the steady-state be 8X or less to use cycle slip reduction, and 4X or less in steady-state to use
Fastlock. The next step is to decide between using Fastlock or CSR. This determination can be made based on
the ratio of the comparison frequency (fCOMP) to loop bandwidth (BW).
Table 7. Fastlock/Cycle Slip Reduction Usage
COMPARISON FREQUENCY
CYCLE SLIP REDUCTION
FASTLOCK
(fCOMP)
(CSR)
fCOMP ≤ 1.25 MHz
Noticeable better than CSR
Likely to provide a benefit, provided that
1.25 MHz < fCOMP ≤ 2 MHz
Marginally better than CSR
fCOMP > 100 X BW
fCOMP > 2 MHz
Same or worse than CSR
Copyright © 2006–2016, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMX2486



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com