Electronic Components Datasheet Search
  English  ▼

X  

LMX2486 Datasheet(PDF) 8 Page - Texas Instruments

Part # LMX2486
Description  LMX2486 1-GHz to 4.5-GHz High-Performance Delta-Sigma Low-Power Dual PLLatinum™ Frequency Synthesizers With 3-GHz Integer PLL
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMX2486 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMX2486 Datasheet HTML 4Page - Texas Instruments LMX2486 Datasheet HTML 5Page - Texas Instruments LMX2486 Datasheet HTML 6Page - Texas Instruments LMX2486 Datasheet HTML 7Page - Texas Instruments LMX2486 Datasheet HTML 8Page - Texas Instruments LMX2486 Datasheet HTML 9Page - Texas Instruments LMX2486 Datasheet HTML 10Page - Texas Instruments LMX2486 Datasheet HTML 11Page - Texas Instruments LMX2486 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
0
150
fOSCin (MHz)
20
10
0
-10
-20
-30
-40
-50
90
60
30
TA = -40°C, 25°C, and 85°C
TA = 85°C
TA = 25°C
10
120
TA = -40°C
0
150
fOSCin (MHz)
20
10
0
-10
-20
-30
-40
-50
120
60
30
VCC = 2.5V, 3.0V, and 3.6V
VCC = 3.6V
VCC = 3.0V
90
10
VCC = 2.5V
0
4000
fFinIF (MHz)
20
10
0
-10
-20
-30
-40
2000
1000
VCC = 2.5V
VCC = 3.0V
3000
VCC = 2.5V
VCC = 3.0 and 3.6V
VCC = 3.6V
0
4000
fFinIF (MHz)
20
10
0
-10
-20
-30
-40
-50
3000
1000
TA = 25
oC, and 85oC
2000
TA = 85
oC
TA = 25
oC
TA = -40
oC
TA = -40
oC
0
5000
fFinRF (MHz)
20
10
0
-10
-20
-30
-40
4000
2000
1000
VCC = 3.0V and 3.6V
VCC = 2.5V
VCC = 3.6V
VCC = 3.0V
3000
VCC = 2.5V
0
5000
fFinRF (MHz)
20
10
0
-10
-20
-30
-40
3000
2000
1000
TA = -40°C, 25°C, and 85°C
TA = -40°C
TA = 85°C
TA = 25°C
4000
LMX2486
SNAS324B – JANUARY 2006 – REVISED JANUARY 2016
www.ti.com
6.7 Typical Characteristics
6.7.1 Sensitivity
Typical characteristics do not imply any sort of ensured specification. Ensured specifications are in the Electrical
Characteristics section.
VCC = 3.0 V, RF_P = 32
TA = 25°C, RF_P = 32
Figure 3. RF PLL Fin Sensitivity
Figure 2. RF PLL Fin Sensitivity
VCC = 3.0 V, IF_P = 16
TA = 25°C, IF_P = 16
Figure 5. IF PLL Fin Sensitivity
Figure 4. IF PLL Fin Sensitivity
TA = 25°C, OSC_2X = 0
VCC = 3.0 V, OSC_2X = 0
Figure 6. OSCin Sensitivity
Figure 7. OSCin Sensitivity
8
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Product Folder Links: LMX2486



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com