Electronic Components Datasheet Search
  English  ▼

X  

LMX2486 Datasheet(PDF) 13 Page - Texas Instruments

Part # LMX2486
Description  LMX2486 1-GHz to 4.5-GHz High-Performance Delta-Sigma Low-Power Dual PLLatinum™ Frequency Synthesizers With 3-GHz Integer PLL
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMX2486 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMX2486 Datasheet HTML 9Page - Texas Instruments LMX2486 Datasheet HTML 10Page - Texas Instruments LMX2486 Datasheet HTML 11Page - Texas Instruments LMX2486 Datasheet HTML 12Page - Texas Instruments LMX2486 Datasheet HTML 13Page - Texas Instruments LMX2486 Datasheet HTML 14Page - Texas Instruments LMX2486 Datasheet HTML 15Page - Texas Instruments LMX2486 Datasheet HTML 16Page - Texas Instruments LMX2486 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
0
3.0
1.0
VCPoutIF (V)
TA = 85
o C
0.5
2.0
1.5
TA = -40
o C
TA = 25
o C
-10
8
-8
-6
2
0
-4
6
4
-2
10
2.5
0
3.0
1.0
VCPoutRF (V)
-10
8
TA = 85
o C
-8
-6
2
0
-4
6
4
0.5
2.0
1.5
TA = -40
o C
TA = 25
o C
-2
10
2.5
0
3.0
1.0
VCPoutIF (V)
-5.0
5.0
-4.0
-3.0
2.0
0
-2.0
4.0
3.0
0.5
2.0
1.5
-1.0
1.0
2.5
0
3.0
1.0
VCPoutRF (V)
-2000
2000
RF_CPG = 15
-1500
-1000
500
0
-500
1500
1000
0.5
2.0
1.5
RF_CPG = 8
RF_CPG = 1
RF_CPG = 0
2.5
2.5
3.6
3.3
VCC (V)
0
10
TA = 25
oC
TA = 85
oC
1.0
2.0
3.0
4.0
5.0
TA = -40
oC
2.75
3.0
9.0
8.0
7.0
6.0
LMX2486
www.ti.com
SNAS324B – JANUARY 2006 – REVISED JANUARY 2016
6.7.5 Currents
Typical characteristics do not imply any sort of ensured specification. Ensured specifications are in the Electrical
Characteristics section.
CE = High
VCC = 3 V
Figure 13. Power Supply Current
Figure 14. RF PLL Charge Pump Current
VCC = 3 V
VCC = 3 V
Figure 15. IF PLL Charge Pump Current
Figure 16. Charge Pump Leakage RF PLL
VCC = 3 V
Figure 17. Charge Pump Leakage IF PLL
Copyright © 2006–2016, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMX2486



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com