Electronic Components Datasheet Search
  English  ▼

X  

LMX2486 Datasheet(PDF) 28 Page - Texas Instruments

Part # LMX2486
Description  LMX2486 1-GHz to 4.5-GHz High-Performance Delta-Sigma Low-Power Dual PLLatinum™ Frequency Synthesizers With 3-GHz Integer PLL
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMX2486 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LMX2486 Datasheet HTML 24Page - Texas Instruments LMX2486 Datasheet HTML 25Page - Texas Instruments LMX2486 Datasheet HTML 26Page - Texas Instruments LMX2486 Datasheet HTML 27Page - Texas Instruments LMX2486 Datasheet HTML 28Page - Texas Instruments LMX2486 Datasheet HTML 29Page - Texas Instruments LMX2486 Datasheet HTML 30Page - Texas Instruments LMX2486 Datasheet HTML 31Page - Texas Instruments LMX2486 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
LMX2486
SNAS324B – JANUARY 2006 – REVISED JANUARY 2016
www.ti.com
Table 16. Operation With the 32/33/36/37 Prescaler (RF_P=1) (continued)
RF_N [10:0]
RF_N
RF_C [5:0]
RF_B [2:0]
RF_A [1:0]
...
.
.
.
.
.
.
.
.
.
.
.
2039
1
1
1
1
1
1
1
0
1
1
1
2040-
Possible with a second or third order delta-sigma engine.
2043
2044-
Possible only with a second order delta-sigma engine.
2045
>2045
N values greater than 2045 are prohibited.
8.6.2 R1 Register
Table 17. R1 Register
REGISTER
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DATA[19:0]
C3
C2
C1
C0
RF_P
RF_
R1
RF_R[5:0]
RF_FD[11:0]
0
0
1
1
0
D
P
8.6.2.1 RF_FD[11:0] -- RF PLL Fractional Denominator
The function of these bits are described in Fractional Denominator Determination { RF_FD[21:12], RF_FD[11:0],
Access[1]}.
8.6.2.2 RF_R [5:0] -- RF R Divider Value
The RF R Counter value is determined by this control word.
NOTE
This counter does allow values down to one.
Table 18. RF R Divider
R VALUE
RF_R[5:0]
1
0
0
0
0
0
1
...
.
.
.
.
.
.
63
1
1
1
1
1
1
8.6.2.3 RF_P -- RF Prescaler bit
The prescaler used is determined by this bit.
Table 19. RF PLL Prescaler Select Bit and Frequencies
RF_P
PRESCALER
MAXIMUM FREQUENCY
0
16/17/20/21
4000 MHz
1
32/33/36/37
4500 MHz
8.6.2.4 RF_PD -- RF Power Down Control Bit
When this bit is set to 0, the RF PLL operates normally. When it is set to one, the RF PLL is powered down and
the RF Charge pump is set to a TRI-STATE mode. The CE pin and ATPU bit also control power down functions,
and will override the RF_PD bit. The order of precedence is as follows. First, if the CE pin is LOW, then the PLL
will be powered down. Provided this is not the case, the PLL will be powered up if the ATPU bit says to do so,
regardless of the state of the RF_PD bit. After the CE pin and the ATPU bit are considered, then the RF_PD bit
then takes control of the power down function for the RF PLL.
28
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Product Folder Links: LMX2486



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com