Electronic Components Datasheet Search
  English  ▼

X  

LMX2486 Datasheet(PDF) 32 Page - Texas Instruments

Part # LMX2486
Description  LMX2486 1-GHz to 4.5-GHz High-Performance Delta-Sigma Low-Power Dual PLLatinum™ Frequency Synthesizers With 3-GHz Integer PLL
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMX2486 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LMX2486 Datasheet HTML 28Page - Texas Instruments LMX2486 Datasheet HTML 29Page - Texas Instruments LMX2486 Datasheet HTML 30Page - Texas Instruments LMX2486 Datasheet HTML 31Page - Texas Instruments LMX2486 Datasheet HTML 32Page - Texas Instruments LMX2486 Datasheet HTML 33Page - Texas Instruments LMX2486 Datasheet HTML 34Page - Texas Instruments LMX2486 Datasheet HTML 35Page - Texas Instruments LMX2486 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
LMX2486
SNAS324B – JANUARY 2006 – REVISED JANUARY 2016
www.ti.com
8.6.5.1 MUX[3:0] Frequency Out and Lock Detect MUX
These bits determine the output state of the Ftest/LD pin.
Table 30. MUX/Lock Detect Programming Settings
MUX[3:0]
OUTPUT TYPE
OUTPUT DESCRIPTION
0
0
0
0
High Impedance
Disabled
0
0
0
1
Push-Pull
General-purpose output, Logical “High” State
0
0
1
0
Push-Pull
General-purpose output, Logical “Low” State
0
0
1
1
Push-Pull
RF and IF Digital Lock Detect
0
1
0
0
Push-Pull
RF Digital Lock Detect
0
1
0
1
Push-Pull
IF Digital Lock Detect
0
1
1
0
Open-Drain
RF and IF Analog Lock Detect
0
1
1
1
Open-Drain
RF Analog Lock Detect
1
0
0
0
Open-Drain
IF Analog Lock Detect
1
0
0
1
Push-Pull
RF and IF Analog Lock Detect
1
0
1
0
Push-Pull
RF Analog Lock Detect
1
0
1
1
Push-Pull
IF Analog Lock Detect
1
1
0
0
Push-Pull
IF R Divider divided by 2
1
1
0
1
Push-Pull
IF N Divider divided by 2
1
1
1
0
Push-Pull
RF R Divider divided by 2
1
1
1
1
Push-Pull
RF N Divider divided by 2
8.6.5.2 IF_P -- IF Prescaler
When this bit is set to 0, the 8/9 prescaler is used. Otherwise the 16/17 prescaler is used.
Table 31. IF PLL Programmable Settings and Frequencies
IF_P
IF PRESCALER
MAXIMUM FREQUENCY
0
8/9
2300 MHz
1
16/17
3000 MHz
8.6.5.3 RF_CPP -- RF PLL Charge Pump Polarity
Table 32. RF PLL Charge Pump Polarity
RF_CPP
RF CHARGE PUMP POLARITY
0
Negative
1
Positive (Default)
8.6.5.4 IF_CPP -- IF PLL Charge Pump Polarity
For a positive phase detector polarity, which is normally the case, set this bit to 1. Otherwise set this bit for a
negative phase detector polarity.
Table 33. IF PLL Charge Pump Polarity
IF_CPP
IF CHARGE PUMP POLARITY
0
Negative
1
Positive
32
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Product Folder Links: LMX2486



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com