Electronic Components Datasheet Search
  English  ▼

X  

LMX2486 Datasheet(PDF) 11 Page - Texas Instruments

Part # LMX2486
Description  LMX2486 1-GHz to 4.5-GHz High-Performance Delta-Sigma Low-Power Dual PLLatinum™ Frequency Synthesizers With 3-GHz Integer PLL
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMX2486 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMX2486 Datasheet HTML 7Page - Texas Instruments LMX2486 Datasheet HTML 8Page - Texas Instruments LMX2486 Datasheet HTML 9Page - Texas Instruments LMX2486 Datasheet HTML 10Page - Texas Instruments LMX2486 Datasheet HTML 11Page - Texas Instruments LMX2486 Datasheet HTML 12Page - Texas Instruments LMX2486 Datasheet HTML 13Page - Texas Instruments LMX2486 Datasheet HTML 14Page - Texas Instruments LMX2486 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
Start 100 MHz
Stop 3000 MHz
Marker 1:
100 MHz
Marker 2:
250 MHz
1
2
Marker 3:
2300 MHz
Marker 4:
3000 MHz
4
3
LMX2486
www.ti.com
SNAS324B – JANUARY 2006 – REVISED JANUARY 2016
6.7.3 FinIF Input Impedance
Figure 11. FinIF Input Impedance
Table 2. IF PLL Input Impedance
FREQUENCY (MHz)
REAL (
Ω)
IMAGINARY (
Ω)
100
508
–233
150
456
–215
200
420
–206
250
403
–205
300
370
–207
400
344
–215
500
207
–223
600
274
–225
700
242
–225
800
242
–225
900
214
–222
1000
171
–208
1200
137
–191
1400
112
–176
1600
91
–158
1800
76
–139
2000
62
–122
2200
51
–105
2300
46
–96
2400
42
–88
2600
37
–74
2800
29
–63
3000
25
–54
Copyright © 2006–2016, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMX2486



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com