Electronic Components Datasheet Search
  English  ▼

X  

LMX2486 Datasheet(PDF) 12 Page - Texas Instruments

Part # LMX2486
Description  LMX2486 1-GHz to 4.5-GHz High-Performance Delta-Sigma Low-Power Dual PLLatinum™ Frequency Synthesizers With 3-GHz Integer PLL
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMX2486 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMX2486 Datasheet HTML 8Page - Texas Instruments LMX2486 Datasheet HTML 9Page - Texas Instruments LMX2486 Datasheet HTML 10Page - Texas Instruments LMX2486 Datasheet HTML 11Page - Texas Instruments LMX2486 Datasheet HTML 12Page - Texas Instruments LMX2486 Datasheet HTML 13Page - Texas Instruments LMX2486 Datasheet HTML 14Page - Texas Instruments LMX2486 Datasheet HTML 15Page - Texas Instruments LMX2486 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
0
FREQUENCY (MHz)
3000
25
0
1000
2000
4000
5000
6000
50
75
125
150
Powered
Up
100
Powered
Down
LMX2486
SNAS324B – JANUARY 2006 – REVISED JANUARY 2016
www.ti.com
6.7.4 OSCin Input Impedance
Typical characteristics do not imply any sort of ensured specification. Ensured specifications are in the Electrical
Characteristics section.
Figure 12. OSCin Input Impedance
Table 3. OSCin Input Impedance
POWERED-UP
POWERED-DOWN
FREQUENCY
(MHz)
REAL
IMAGINARY
MAGNITUDE
REAL
IMAGINARY
MAGNITUDE
5
1730
–3779
4157
392
–8137
8146
10
846
–2236
2391
155
–4487
4490
20
466
–1196
1284
107
–2215
2217
30
351
–863
932
166
–1495
–1504
40
316
–672
742
182
–1144
1158
50
278
–566
631
155
–912
925
60
261
–481
547
153
–758
774
70
252
–425
494
154
–652
669
80
239
–388
456
147
–576
595
90
234
–358
428
145
–518
538
100
230
–337
407
140
–471
492
110
225
–321
392
138
–436
458
120
219
–309
379
133
–402
123
130
214
–295
364
133
–374
397
140
208
–285
353
132
–349
373
150
207
–279
348
133
–329
355
12
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Product Folder Links: LMX2486



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com