Electronic Components Datasheet Search
  English  ▼

X  

LMX2486 Datasheet(PDF) 39 Page - Texas Instruments

Part # LMX2486
Description  LMX2486 1-GHz to 4.5-GHz High-Performance Delta-Sigma Low-Power Dual PLLatinum™ Frequency Synthesizers With 3-GHz Integer PLL
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMX2486 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LMX2486 Datasheet HTML 35Page - Texas Instruments LMX2486 Datasheet HTML 36Page - Texas Instruments LMX2486 Datasheet HTML 37Page - Texas Instruments LMX2486 Datasheet HTML 38Page - Texas Instruments LMX2486 Datasheet HTML 39Page - Texas Instruments LMX2486 Datasheet HTML 40Page - Texas Instruments LMX2486 Datasheet HTML 41Page - Texas Instruments LMX2486 Datasheet HTML 42Page - Texas Instruments LMX2486 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
LMX2486
www.ti.com
SNAS324B – JANUARY 2006 – REVISED JANUARY 2016
Typical Application (continued)
9.2.1 Design Requirements
Table 50 lists the design parameters of the LMX2486.
Table 50. Design Parameters
PARAMETER
VALUE
PM
Phase Margin
46.5 degrees
BW
Loop Bandwidth
9.8 KHz
T3/T1
4.50%
Pole Ratio
T4/T3
57.70%
KPD
Charge Pump Gain
8X (760 µA)
fPD
Phase Detector Frequency
20 MHz
fVCO
VCO Frequency
3200 – 3250
Vcc
Supply
3 V
KVCO
VCO Gain
90 MHz/V
CVCO
VCO Input Capacitance
22 pF
C1_LF
6.8 nF
C2_LF
220 nF
C3_LF
4.7 nF
C4_LF
Loop Filter Components
15 nF
R2_LF
150
Ω
R3_LF
56
Ω
R4_LF
33
Ω
9.2.2 Detailed Design Procedure
The design of the loop filter involves balancing requirements of lock time, spurs, and phase noise. This design is
fairly involved, but the TI website has references, design tools, and simulation tools cover the loop filter design
and simulation in depth.
9.2.3 Application Curves
Figure 26. Fractional Spurs at 200-kHz Offset
Figure 25. Phase Noise
Copyright © 2006–2016, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LMX2486



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com