Electronic Components Datasheet Search
  English  ▼

X  

CC3301MOD Datasheet(PDF) 17 Page - Texas Instruments

Part # CC3301MOD
Description  CC330xMOD SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy Companion Module
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC3301MOD Datasheet(HTML) 17 Page - Texas Instruments

Back Button CC3301MOD Datasheet HTML 13Page - Texas Instruments CC3301MOD Datasheet HTML 14Page - Texas Instruments CC3301MOD Datasheet HTML 15Page - Texas Instruments CC3301MOD Datasheet HTML 16Page - Texas Instruments CC3301MOD Datasheet HTML 17Page - Texas Instruments CC3301MOD Datasheet HTML 18Page - Texas Instruments CC3301MOD Datasheet HTML 19Page - Texas Instruments CC3301MOD Datasheet HTML 20Page - Texas Instruments CC3301MOD Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
Table 6-3. SDIO Timing Parameters: High Speed
Parameter
Description
MIN
MAX
Unit
fclock
Clock frequency, CLK
52
MHz
tHigh
High Period
7
ns
tLow
Low Period
7
tTLH
Rise time, CLK
3
tTHL
Fall time, CLK
3
tISU
Setup time, input valid before CLK ↑
6
tIH
Hold time, input valid after CLK ↑
2
tODLY
Delay time, CLK ↑ to output valid
2
14
CL
Capacitive load on outputs
15
40
pF
www.ti.com
CC3300MOD, CC3301MOD
SWRS333A – JULY 2025 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: CC3300MOD CC3301MOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com