Electronic Components Datasheet Search
  English  ▼

X  

CC3301MOD Datasheet(PDF) 19 Page - Texas Instruments

Part # CC3301MOD
Description  CC330xMOD SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy Companion Module
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC3301MOD Datasheet(HTML) 19 Page - Texas Instruments

Back Button CC3301MOD Datasheet HTML 15Page - Texas Instruments CC3301MOD Datasheet HTML 16Page - Texas Instruments CC3301MOD Datasheet HTML 17Page - Texas Instruments CC3301MOD Datasheet HTML 18Page - Texas Instruments CC3301MOD Datasheet HTML 19Page - Texas Instruments CC3301MOD Datasheet HTML 20Page - Texas Instruments CC3301MOD Datasheet HTML 21Page - Texas Instruments CC3301MOD Datasheet HTML 22Page - Texas Instruments CC3301MOD Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
6.15.3 UART 4-Wire Interface
UART is the main host interface for BLE, which supports the host controller interface (HCI) transport layer.
6.15.3.1 UART Timing Parameters
Figure 6-6. UART Timing Diagram
PARAMETER
TEST CONDITIONS
SYMBOL
MIN
TYP
MAX
UNIT
Baud rate
37.5
4364
Kbps
Baud rate accuracy per byte
Receive/Transmit
–2.5
1.5
%
Baud rate accuracy per bit
Receive/Transmit
–12.5
12.5
%
CTS low to TX_DATA on
t3
0
2
μs
CTS high to TX_DATA off
Hardware flow control
t4
1
Byte
CTS High Pulse Width
t6
1
bit
RTS low to RX_DATA on
t1
0
2
μs
RTS high to RX_DATA off
Interrupt set to 1/4 FIFO
t2
16
Bytes
STR
-
Start bit
D0..Dn -
Data bits (LSB first)
PAR
-
Parity bit (if used)
STP
-
Stop bit
TX
STR
D0
D1
D2
Dn
PAR
STP
tb
www.ti.com
CC3300MOD, CC3301MOD
SWRS333A – JULY 2025 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: CC3300MOD CC3301MOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com