Electronic Components Datasheet Search
  English  ▼

X  

CC3301MOD Datasheet(PDF) 10 Page - Texas Instruments

Part # CC3301MOD
Description  CC330xMOD SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy Companion Module
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC3301MOD Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC3301MOD Datasheet HTML 6Page - Texas Instruments CC3301MOD Datasheet HTML 7Page - Texas Instruments CC3301MOD Datasheet HTML 8Page - Texas Instruments CC3301MOD Datasheet HTML 9Page - Texas Instruments CC3301MOD Datasheet HTML 10Page - Texas Instruments CC3301MOD Datasheet HTML 11Page - Texas Instruments CC3301MOD Datasheet HTML 12Page - Texas Instruments CC3301MOD Datasheet HTML 13Page - Texas Instruments CC3301MOD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
6.5 WLAN Performance: 2.4GHz Receiver Characteristics (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Sensitivity: 8% PER for 11b rates, 10%
PER for 11g/n/ax rates
1Mbps DSSS
–96.4
dBm
2Mbps DSSS
–93.9
11Mbps CCK
–88.4
6Mbps OFDM
–91.6
54Mbps OFDM
–73.8
HT MCS0 MM 4K
–91.3
HT MCS7 MM 4K
–71.2
HE MCS0 4K
–91.3
HE MCS7 4K
–72.2
Maximum input level: 8% PER for 11b
rates, 10% PER for 11g/n/ax rates
1 DSSS
0
dBm
OFDM6, HT MCS0, HE MCS0
0
OFDM54, HT MCS7, HE MCS7
–9
Adjacent Channel Rejection
1Mbps DSSS
45
dB
11Mbps CCK
39
6Mbps OFDM
20
54Mbps OFDM
3
HT MCS0
20
HT MCS7
3
HE MCS0
16
HE MCS7
–1
RSSI Accuracy
–90dBm to –30dBm
–3
3
dB
6.6 WLAN Performance: 2.4GHz Transmitter Power
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operational Frequency Range(1)
2412
2472
MHz
Maximum output power at 3V3_IN >
3.0V(2)
1Mbps DSSS
18.4
dBm
6Mbps OFDM
18
54Mbps OFDM
15.5
HT MCS0 MM
18
HT MCS7 MM
15.5
HE MCS0
18
HE MCS7
15.5
Transmit center frequency accuracy
–25
25
ppm
(1)
•
Channels 1 (2142MHz) through 11 (2462MHz) are supported for FCC.
•
Channels 1 (2142MHz) through 13 (2472MHz) are supported for Europe and Japan. Note that channel 14 is not supported for
Japan.
(2)
•
The 11g/n/ax low rates on edge channels (2412 and 2462MHz) have reduced TX power to meet FCC emission limits.
•
Power of 802.11b rates are reduced to meet ETSI requirements in Europe.
6.7 BLE Performance: Receiver Characteristics
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
BLE 125Kbps (LE Coded) Receiver Characteristics
Receiver sensitivity(2)
PER <30.2%
–101.7
dBm
CC3300MOD, CC3301MOD
SWRS333A – JULY 2025 – REVISED AUGUST 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: CC3300MOD CC3301MOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com