Electronic Components Datasheet Search
  English  ▼

X  

CC3301MOD Datasheet(PDF) 24 Page - Texas Instruments

Part # CC3301MOD
Description  CC330xMOD SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy Companion Module
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC3301MOD Datasheet(HTML) 24 Page - Texas Instruments

Back Button CC3301MOD Datasheet HTML 20Page - Texas Instruments CC3301MOD Datasheet HTML 21Page - Texas Instruments CC3301MOD Datasheet HTML 22Page - Texas Instruments CC3301MOD Datasheet HTML 23Page - Texas Instruments CC3301MOD Datasheet HTML 24Page - Texas Instruments CC3301MOD Datasheet HTML 25Page - Texas Instruments CC3301MOD Datasheet HTML 26Page - Texas Instruments CC3301MOD Datasheet HTML 27Page - Texas Instruments CC3301MOD Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
8 Application Information
8.1 Typical Application—CC330xMOD Reference Design
RF SECTION
Standby/Operation
1
+Vs
4
Output
3
GND
2
Y2
LFSPXO073707REEL
SLOW_CLK_IN_1V8
GND
i
50Ohm
GND
GND
L1
L2
E1
M830520
GND
GND
RF_OUT
VCC_BRD_1V8
C0G/NP0
0201
10pF
C18
EXTERNAL SLOW CLOCK
(op onal)
CC33X1MOD TARGET
3V3_IN
37
3V3_IN
38
SDIO_CLK
3
SDIO_CMD
4
SDIO_D0
8
SDIO_D1
7
SDIO_D2
6
SDIO_D3
5
Host_IRQ_BLE
11
Host_IRQ_WL
10
COEX_GRANT
47
COEX_PRIORITY
45
COEX_REQ
46
UART_CTS
49
UART_RTS
48
UART_RX
50
UART_TX
51
1V8_IN
53
1V8_IN
54
Reset
17
ANT_SEL
52
Logger
9
RF_OUT
23
SLOW_CLK_IN
18
SWCLK
13
SWDIO
12
VPP_IN
19
GND
1
GND
2
GND
14
GND
15
GND
16
GND
20
GND
21
GND
22
GND
24
GND
25
GND
26
GND
27
GND
28
GND
29
GND
30
GND
31
GND
32
GND
33
GND
34
GND
35
GND
36
GND
39
GND
40
GND
41
GND
42
GND
43
GND
44
GND
55
GND
56
GND
57
GND
58
GND
59
GND
60
GND
61
GND
62
GND
63
GND
64
GND
65
CC33x1MODENIAMOZR
GND
SDIO_CLK_1V8
SDIO_CMD_1V8
SDIO_D0_1V8
SDIO_D1_1V8
SDIO_D2_1V8
SDIO_D3_1V8
LOGGER_1V8
IRQ_WL_1V8
IRQ_BLE_1V8
SWDIO
SWCLK
RESET_1V8
SLOW_CLK_IN_1V8
ANT_SEL_1V8
UART_TX_1V8
UART_RX_1V8
UART_CTS_1V8
UART_RTS_1V8
COEX_GRANT_1V8
COEX_REQ_1V8
COEX_PRIORITY_1V8
i
50Ohm
RF_OUT
VBAT_CC_1V8
VBAT_CC_3V3
VBAT_CC_1V8
Figure 8-1. CC330xMOD Reference Schematics
8.2 Design Recommendations
This section describes the layout recommendations for the CC330xMOD module, RF trace, and antenna.
Table 8-1 summarizes the layout recommendations.
Table 8-1. Layout Recommendations Summary
ITEM
DESCRIPTION
Thermal
1
The proximity of ground vias must be close to the pad.
2
Signal traces must not be run underneath the module on the layer where the module is mounted.
3
Have a complete ground pour in layer 2 for thermal dissipation.
4
Have a solid ground plane and ground vias under the module for a stable system and thermal dissipation.
5
Increase the ground pour in the first layer and have all of the traces from the first layer on the inner layers, if possible.
6
Signal traces can be run on a third layer under the solid ground layer, which is below the module mounting layer.
RF Trace and Antenna Routing
7
The RF trace antenna feed must be as short as possible beyond the ground reference. At this point, the trace starts to radiate.
8
The RF trace bends must be gradual, with an approximate maximum bend of 45° with trace mitered. RF traces must not have
sharp corners.
9
RF traces must have via stitching on the ground plane beside the RF trace on both sides.
10
RF traces must have constant impedance (microstrip transmission line).
CC3300MOD, CC3301MOD
SWRS333A – JULY 2025 – REVISED AUGUST 2025
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: CC3300MOD CC3301MOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com